Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

554EEXXXXXXBG Datasheet(PDF) 10 Page - Silicon Laboratories

Part # 554EEXXXXXXBG
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

554EEXXXXXXBG Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button 554EEXXXXXXBG Datasheet HTML 6Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 7Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 8Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 9Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 10Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 11Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 12Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 13Page - Silicon Laboratories 554EEXXXXXXBG Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Si 5540
10
Preliminary Rev. 0.31
shift register by an output clock, TXCLK16OUT, that is
produced by dividing down the high speed transmit
clock, TXCLKOUT, by a factor of 16. The TXCLK16OUT
clock output is provided to support 16 bit word transfers
between the Si5540 and upstream devices using a
counter clocking scheme. The high-speed serial data
stream is clocked out of the shift register using
TXCLKOUT.
Input FIFO
The Si5540 integrates a FIFO to decouple data
transferred into the FIFO via TXCLK16IN from data
transferred into the shift register via TXCLK16OUT. The
FIFO is eight parallel words deep and accommodates
any static phase delay that may be introduced between
TXCLK16OUT and TXCLK16IN in counter clocking
schemes. Further, the FIFO will accommodate a phase
drift or wander between TXCLK16IN and TXCLK16OUT
of up to three parallel data words.
The FIFO circuitry indicates an overflow or underflow
condition by asserting FIFOERR high. This output can
be used to recenter the FIFO read/write pointers by
tieing it directly to the FIFORST input. The Si5540 will
also recenter the read/write pointers after the device’s
power on reset, external reset via RESET, and each
time the DSPLL transitions from an out of lock state to a
locked state (TXLOL transitions from low to high).
Parallel Input To Serial Output Relationship
The Si5540 provides the capability to select the order in
which data on the parallel input bus is transmitted seri-
ally. Data on this bus can be transmitted MSB first or
LSB first depending on the setting of TXMSBSEL. If
TXMSBSEL is tied low, TXDIN0 is transmitted first fol-
lowed in order by TXDIN1 through TXDIN15. If TXMSB-
SEL is tied high, TXDIN15 is transmitted first followed in
order by TXDIN14 through TXDIN0. This feature simpli-
fies board routing when ICs are mounted on both sides
of the PCB.
Transmit Data Squelch
To prevent the transmission of corrupted data into the
network, the Si5540 provides a control pin that can be
used to force the high speed data output, TXDOUT, to 0.
By driving TXSQLCH low TXDOUT will be forced to 0.
Reset
A device reset can be forced by holding the RESET pin
low for at least 1
µs. When RESET is asserted low, the
input FIFO pointers reset and the digital control circuitry
initializes. When RESET transitions high to start normal
operation, the DSPLL will be calibrated.
Clock Disable
The Si5540 provides a clock disable pin, TXCLKDSBL,
that is used to disable the high-speed serial data clock
output, TXCLKOUT. When the TXCLKDSBL pin is
asserted, the positive and negative terminals of CLK-
OUT are tied to 1.5 V through 50
Ω on-chip resistors.
This feature is used to reduce power consumption in
applications that do not use the high speed transmit
data clock.
Bias Generation Circuitry
The Si5540 makes use of an external resistor to set
internal bias currents. The external resistor allows pre-
cise generation of bias currents which significantly
reduces power consumption versus traditional imple-
mentations that use an internal resistor. The bias gener-
ation
circuitry
requires
a
3.09 k
Ω (1%) resistor
connected between REXT and GND.


Similar Part No. - 554EEXXXXXXBG

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
554 MALLORY-554 Datasheet
148Kb / 4P
   HARLEY-DAVIDSON
logo
Oscilent Corporation
554 OSCILENT-554 Datasheet
134Kb / 2P
   HCMOS / TTL
logo
Dialight Corporation
554-0001 DIALIGHT-554-0001 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-211 DIALIGHT-554-0001-211 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-411 DIALIGHT-554-0001-411 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 554EEXXXXXXBG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com