Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HCT157AN Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74HCT157AN
Description  QUAD 2-INPUT DATA SELECTORS/MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT157AN Datasheet(HTML) 3 Page - Integral Corp.

  IN74HCT157AN Datasheet HTML 1Page - Integral Corp. IN74HCT157AN Datasheet HTML 2Page - Integral Corp. IN74HCT157AN Datasheet HTML 3Page - Integral Corp. IN74HCT157AN Datasheet HTML 4Page - Integral Corp. IN74HCT157AN Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74HCT157A
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT≤ 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT ≤ 20 µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output
Voltage
VIN=VIH or VIL
IOUT ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN=VIH or VIL
IOUT ≤ 4.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low-
Level Output
Voltage
VIN=VIH or VIL
IOUT ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH or VIL
IOUT ≤ 4.0 mA
4.5
0.26
0.33
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC or GND
IOUT=0µA
5.5
4.0
40
160
µA
∆ICC
Additional
Quiescent Supply
Current
VIN=2.4 V, Any One
Input
VIN=VCC or GND, Other
Inputs
-55
°C
25
°C to
125
°C
mA
IOUT=0µA
5.5
2.9
2.4


Similar Part No. - IN74HCT157AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT157AN IKSEMICON-IN74HCT157AN Datasheet
204Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HCT157AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC157A INTEGRAL-IN74HC157A Datasheet
62Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
logo
KODENSHI_AUK CORP.
KK74HC157A KODENSHI-KK74HC157A Datasheet
216Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
logo
System Logic Semiconduc...
SL74HC157 SLS-SL74HC157 Datasheet
44Kb / 5P
   Quad 2-Input Data Selectors/Multiplexer
logo
IK Semicon Co., Ltd
IN74HC157A IKSEMICON-IN74HC157A Datasheet
155Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
logo
System Logic Semiconduc...
SL74HC258 SLS-SL74HC258 Datasheet
66Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
logo
KODENSHI_AUK CORP.
KK74HC258A KODENSHI-KK74HC258A Datasheet
226Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com