Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMC-1812ER2.2-10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IMC-1812ER2.2-10
Description  Surface Mount, Molded Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMC-1812ER2.2-10 Datasheet(HTML) 1 Page - Vishay Siliconix

  IMC-1812ER2.2-10 Datasheet HTML 1Page - Vishay Siliconix IMC-1812ER2.2-10 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount, Molded Inductor
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34044
110
Revision: 26-Feb-06
IMC-1812
Vishay Dale
FEATURES
• Molded construction provides superior strength
and moisture resistance
• Tape and reel packaging for automatic handling,
2000/reel, EIA 481
• Printed marking
• Compatible with vapor phase and infrared reflow
soldering
• 100 % lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(µH)
TOL.
Q
MIN.
TEST
FREQ.
L & Q
(MHz)
SELF-
RESONANT
FREQ. MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED*
DC
CURRENT
(mA)
0.010
0.012
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
50
50
50
50
50
50
50
50
40
40
40
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
1000
1000
1000
1000
1000
1000
1000
1000
900
800
700
0.20
0.20
0.20
0.20
0.20
0.30
0.30
0.30
0.35
0.35
0.40
450
450
450
450
450
450
450
450
450
450
450
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 10 %
± 10 %
± 10 %
± 10 %
30
30
30
30
30
30
30
30
30
30
30
30
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
650
600
500
400
350
300
250
220
190
170
150
140
0.32
0.30
0.30
0.35
0.40
0.45
0.55
0.70
0.80
1.20
1.40
1.60
450
450
450
450
450
450
430
380
355
285
270
250
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
50
50
50
50
50
50
50
50
50
50
50
50
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
100
80.0
70.0
60.0
55.0
50.0
45.0
40.0
35.0
33.0
27.0
25.0
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.90
1.00
1.10
1.20
1.40
450
430
410
390
380
370
355
330
315
300
285
270
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
50
50
50
50
50
50
50
50
50
50
50
50
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
20.0
18.0
17.0
15.0
13.0
12.0
11.0
11.0
10.0
9.0
9.0
8.0
1.60
2.00
2.50
2.80
3.20
3.60
4.00
4.50
5.00
5.50
6.00
7.00
250
225
200
190
180
170
160
150
140
135
130
120
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
40
40
40
40
40
40
40
40
40
30
30
30
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
8.0
6.0
5.0
5.0
4.0
4.0
3.5
3.0
3.0
3.0
3.0
2.5
8.00
8.00
9.00
9.50
10.0
12.0
14.0
16.0
26.0
30.0
30.0
35.0
110
110
105
102
100
92
85
80
62
50
50
30
1000.0 ± 10 %
30
0.25
2.5
40.0
30
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.010 µH to 1000 µH
Inductance Tolerance: ± 20 % for 0.010 µH to 0.39 µH
± 10 % for 0.47 µH to 1000 µH standard
± 10 %, ± 5 %, ± 3 % available
Temperature Range: - 55 °C to + 125 °C
Coilform Material: Non-magnetic for 0.010 µH to 0.82 µH
Powdered Iron for 1.0 µH to 120 µH. Ferrite for 150 µH to
1000 µH
TEST EQUIPMENT
• H/P 4342A Q meter with Vishay Dale test fixture or
equivalent
• H/P 4191A RF Impedance Analyzer (for SRF measurements)
• Wheatstone bridge
* Recommended minimum spacing between components
DIMENSIONS in inches [millimeters]
PART MARKING
- Vishay Dale
- Inductance value
- Date code
DESCRIPTION
IMC-1812
10 µH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD FREE STANDARD
PRODUCT FAMILY
SIZE
INDUCTANCE VALUE
PACKAGE CODE
TOL.
GLOBAL PART NUMBER
IM
C
1
8
12
E
R
1
0
0
K
0.177 ± 0.008
[4.50 ± 0.203]
0.124 [3.15]
Ref.
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
IMC-1812 Chip
Inductors
0.126 ± 0.008
[3.20 ± 0.203]
0.030 ± 0
0.004
[0.762 ±
0.102]
Typ.
0.006
[0.152]
Ref.
Typ.
0.126 ± 0.008
[3.20 ± 0.203]
0.037 ± 0.008
[.940 ± 0.203]
0.050 + 0.004
- 0.008
[1.27 + 0.102
- 0.203]
Typ.
0.024*
[0.6]
0.059
[1.5]
0.059
[1.5]
0.118 [3.0]
0.158
[4.0]
0.158
[4.0]
0.181
[4.6]


Similar Part No. - IMC-1812ER2.2-10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-1812 VISHAY-IMC-1812 Datasheet
88Kb / 3P
   Surface Mount, Molded Inductor
Revision: 22-May-07
IMC-1812 VISHAY-IMC-1812 Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
IMC-1812 VISHAY-IMC-1812 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
IMC-1812 VISHAY-IMC-1812 Datasheet
98Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 21-Jul-15
IMC-1812 VISHAY-IMC-1812 Datasheet
80Kb / 3P
   Wirewound, Surface-Mount, Molded Inductors
01-Jan-2022
More results

Similar Description - IMC-1812ER2.2-10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-1812 VISHAY-IMC-1812_07 Datasheet
88Kb / 3P
   Surface Mount, Molded Inductor
Revision: 22-May-07
IMC-1210-100 VISHAY-IMC-1210-100 Datasheet
88Kb / 1P
   Surface Mount, Molded Inductor
Revision 28-Aug-02
IMC-1210 VISHAY-IMC-1210 Datasheet
84Kb / 2P
   Surface Mount, Molded Inductor
Revision: 16-Jan-06
ISC-1210 VISHAY-ISC-1210 Datasheet
79Kb / 2P
   Surface Mount, Molded, Shielded Inductor
Revision: 22-May-07
ISC1210 VISHAY-ISC1210 Datasheet
138Kb / 1P
   Surface Mount, Molded, Shielded Inductor
Revision 28-Aug-02
IMC-0805 VISHAY-IMC-0805_08 Datasheet
87Kb / 2P
   High Frequency, Surface Mount, Molded Inductor
Revision: 27-Oct-08
logo
XFMRS Inc.
XF1167-ER14S XFMRS-XF1167-ER14S Datasheet
45Kb / 1P
   Surface Mount Inductor
XF0266S5 XFMRS-XF0266S5 Datasheet
43Kb / 1P
   Surface Mount Inductor
XF0076S5 XFMRS-XF0076S5 Datasheet
62Kb / 1P
   Surface Mount Inductor
XF0226S3 XFMRS-XF0226S3 Datasheet
45Kb / 1P
   Surface Mount Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com