Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HCT14AN Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74HCT14AN
Description  HEX SCHMITT-TRIGGER INVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT14AN Datasheet(HTML) 3 Page - Integral Corp.

  IN74HCT14AN Datasheet HTML 1Page - Integral Corp. IN74HCT14AN Datasheet HTML 2Page - Integral Corp. IN74HCT14AN Datasheet HTML 3Page - Integral Corp. IN74HCT14AN Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74HCT14A
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C to
-
55
°C
≤85
°C
≤125
°C
Unit
VT+max Maximum Positive-
Going
Input
Threshold Voltage
VOUT=0.1
V
IOUT ≤ 20 µA
4.5
5.5
1.9
2.1
1.9
2.1
1.9
2.1
V
VT+min
Minimum Positive-
Going
Input
Threshold Voltage
VOUT=0.1
V
IOUT ≤ 20 µA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
V
VT-max
Maximum
Negative-Going
Input
Threshold
Voltage
VOUT=VCC
-0.1
V
IOUT≤ 20 µA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
V
VT-min
Minimum Negative-
Going
Input
Threshold Voltage
VOUT=VCC-0.1
V
IOUT≤ 20 µA
4.5
5.5
0.5
0.6
0.5
0.6
0.5
0.6
V
VHmax
Note 1
Maximum
Hysteresis Voltage
VOUT=0.1 V or VCC-
0.1V
IOUT≤ 20 µA
4.5
5.5
1.4
1.5
1.4
1.5
1.4
1.5
V
VHmin
Note 1
Minimum
Hysteresis Voltage
VOUT=0.1 V or VCC-
0.1V
IOUT≤ 20 µA
4.5
5.5
0.4
0.4
0.4
0.4
0.4
0.4
V
VOH
Minimum
High-
Level
Output
Voltage
VIN≤VT
-min
IOUT ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN≤VT
-min
IOUT≤4mA
4.5
3.98
3.84
3.7
VOL
Maximum
Low-
Level
Output
Voltage
VIN≥VT
+max
IOUT ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN≥VT
+max
IOUT≤ 4mA
4.5
0.26
0.33
0.4
IIN
Maximum
Input
Leakage Current
VIN=VCC or GND
5.5
±0.1 ±1.0
±1.0
µA
ICC
Maximum
Quiescent
Supply
Current
(per Package)
VIN=VCC
or
GND
IOUT=0µA
5.5
1.0
10
40
µA
∆ICC
Additional
Quiescent
Supply
Current
VIN=2.4 V, Any One
Input
≥-55° C
25
°C to
125
°C
mA
VIN=VCC
or
GND,
Other
Inputs
IOUT=0 µA
5.5
2.9
2.4
Note: 1 VHmin>(VT+min)-(VT-max); VHmax=(VT+max)-(VT-min)


Similar Part No. - IN74HCT14AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT14A IKSEMICON-IN74HCT14A Datasheet
192Kb / 5P
   Outputs Directly Inferface to CMOS, NMOS and TTL
More results

Similar Description - IN74HCT14AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com