Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS194 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS194
Description  LOW POWER SCHOTTKY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS194 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS194 Datasheet HTML 1Page - ON Semiconductor SN74LS194 Datasheet HTML 2Page - ON Semiconductor SN74LS194 Datasheet HTML 3Page - ON Semiconductor SN74LS194 Datasheet HTML 4Page - ON Semiconductor SN74LS194 Datasheet HTML 5Page - ON Semiconductor SN74LS194 Datasheet HTML 6Page - ON Semiconductor SN74LS194 Datasheet HTML 7Page - ON Semiconductor SN74LS194 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS194A/D
SN74LS194A
4-Bit Bidirectional
Universal Shift Register
The SN74LS194A is a High Speed 4-Bit Bidirectional Universal
Shift Register. As a high speed multifunctional sequential building
block, it is useful in a wide variety of applications. It may be used in
serial-serial, shift left, shift right, serial-parallel, parallel-serial, and
parallel-parallel data register transfers. The LS194A is similar in
operation to the LS195A Universal Shift Register, with added features
of shift left without external connections and hold (do nothing) modes
of operation. It utilizes the Schottky diode clamped process to achieve
high speeds and is fully compatible with all ON Semiconductor TTL
families.
Typical Shift Frequency of 36 MHz
Asynchronous Master Reset
Hold (Do Nothing) Mode
Fully Synchronous Serial or Parallel Data Transfers
Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS194AN
16 Pin DIP
2000 Units/Box
SN74LS194AD
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - SN74LS194

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS194A TI-SN74LS194A Datasheet
454Kb / 11P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN74LS194A TI1-SN74LS194A Datasheet
462Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN74LS194AD TI-SN74LS194AD Datasheet
454Kb / 11P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN74LS194AD TI1-SN74LS194AD Datasheet
462Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN74LS194ADG4 TI1-SN74LS194ADG4 Datasheet
462Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
More results

Similar Description - SN74LS194

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS74A ONSEMI-SN74LS74A Datasheet
102Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS76A ONSEMI-SN74LS76A Datasheet
93Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com