Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5540-BC Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI5540-BC
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5540-BC Datasheet(HTML) 4 Page - Silicon Laboratories

  SI5540-BC Datasheet HTML 1Page - Silicon Laboratories SI5540-BC Datasheet HTML 2Page - Silicon Laboratories SI5540-BC Datasheet HTML 3Page - Silicon Laboratories SI5540-BC Datasheet HTML 4Page - Silicon Laboratories SI5540-BC Datasheet HTML 5Page - Silicon Laboratories SI5540-BC Datasheet HTML 6Page - Silicon Laboratories SI5540-BC Datasheet HTML 7Page - Silicon Laboratories SI5540-BC Datasheet HTML 8Page - Silicon Laboratories SI5540-BC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si 5540
4
Preliminary Rev. 0.31
Electrical Specifications
Figure 1. Differential Voltage Measurement (TXDIN, TXDOUT, TXCLK16IN, TXCLK16OUT)
Figure 2. Data to Clock Delay
Figure 3. Rise/Fall Time Measurement
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
–40
25
85
°C
LVTTL Output Supply Voltage
VDD33
1.71
3.47
V
Si5540 Supply Voltage
VDD
1.71
1.8
1.89
V
*Note:
All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25
°C unless otherwise stated.
V
IS
V
ID,VOD (VID = 2VIS)
Differential
I/Os
Differential
Voltage Swing
Single Ended Voltage
Differential Peak-to-Peak Voltage
SIGNAL +
SIGNAL –
(SIGNAL +) – (SIGNAL –)
V
ICM, VOCM
V
t
TXDOUT,
TXDIN
TXCLKOUT,
TXCLK16IN
t
CP
t
hd
t
su
t
CH
All Differential
IOs
t
F
t
R
80%
20%


Similar Part No. - SI5540-BC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI554 SILABS-SI554 Datasheet
132Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
Skyworks Solutions Inc.
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results

Similar Description - SI5540-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com