Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H1G0838M-UCB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4H1G0838M-UCB0
Description  1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H1G0838M-UCB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4H1G0838M-UCB0 Datasheet HTML 6Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 7Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 8Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 9Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 10Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 11Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 12Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 13Page - Samsung semiconductor K4H1G0838M-UCB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DDR SDRAM
DDR SDRAM 1Gb M-die (x4, x8) Pb-Free
Revision 1.1 October, 2004
DDR SDRAM Spec Items & Test Conditions
Conditions
Symbol
Operating current - One bank Active-Precharge;
tRC=tRCmin; tCK=7.5ns for DDR266, 6ns for DDR333;
DQ,DM and DQS inputs changing once per clock cycle;
address and control inputs changing once every two clock cycles.
IDD0
Operating current - One bank operation ; One bank open, BL=4, Reads
- Refer to the following page for detailed test condition
IDD1
Percharge power-down standby current; All banks idle; power - down mode;
CKE = <VIL(max); tCK=7.5ns for DDR266, 6ns for DDR333; Vin = Vref for DQ,DQS and DM.
IDD2P
Precharge Floating standby current; CS# > =VIH(min);All banks idle; CKE > = VIH(min); tCK=7.5ns for DDR266,
6ns for DDR333; Address and other control inputs changing once per clock cycle;
Vin = Vref for DQ,DQS and DM
IDD2F
Precharge Quiet standby current; CS# > = VIH(min); All banks idle;
CKE > = VIH(min); tCK=7.5ns for DDR266, 6ns for DDR333; Address and other control inputs stable at >=
VIH(min) or =<VIL(max); Vin = Vref for DQ ,DQS and DM
IDD2Q
Active power - down standby current ; one bank active; power-down mode;
CKE=< VIL (max); tCK=7.5ns for DDR266, 6ns for DDR333; Vin = Vref for DQ,DQS and DM
IDD3P
Active standby current; CS# >= VIH(min); CKE>=VIH(min);
one bank active; active - precharge; tRC=tRASmax; tCK=17.5ns for DDR266, 6ns for DDR333;
DQ, DQS and DM inputs changing twice per clock cycle; address and other control inputs changing once per clock
cycle
IDD3N
Operating current - burst read; Burst length = 2; reads; continguous burst; One bank active; address and control
inputs changing once per clock cycle; CL=2 at 7.5ns for DDR266(A2), CL=2.5 at 7.5ns for DDR266(B0), 6ns for
DDR333; 50% of data changing on every transfer; lout = 0 m A
IDD4R
Operating current - burst write; Burst length = 2; writes; continuous burst;
One bank active address and control inputs changing once per clock cycle; CL=2 at tCK=7.5ns for DDR266(A2),
CL=2.5 at tCK=7.5ns for DDR266(B0), 6ns for DDR333; DQ, DM and DQS inputs changing twice per clock cycle,
50% of input data changing at every burst
IDD4W
Auto refresh current; tRC = tRFC(min) - 16*tCK for DDR266 at tCK=7.5ns; 20*tCK for DDR333 at tCK=6ns; dis-
tributed refresh
IDD5
Self refresh current; CKE =< 0.2V; External clock on; tCK=7.5ns for DDR266, 6ns for DDR333.
IDD6
Operating current - Four bank operation ; Four bank interleaving with BL=4
-Refer to the following page for detailed test condition
IDD7A
Input/Output Capacitance
(VDD=2.5, VDDQ=2.5V, TA= 25°C, f=1MHz)
Parameter
Symbol
Min
Max
Delta
Unit
Note
Input capacitance
(A0 ~ A13, BA0 ~ BA1, CKE, CS, RAS,CAS, WE)
CIN1
2
3
0.5
pF
4
Input capacitance( CK, CK )
CIN2
2
3
0.25
pF
4
Data & DQS input/output capacitance
COUT
4
5
0.5
pF
1,2,3,4
Input capacitance(DM for x4/8, UDM/LDM for x16)
CIN3
4
5
pF
1,2,3,4
1.These values are guaranteed by design and are tested on a sample basis only.
2. Although DM is an input -only pin, the input capacitance of this pin must model the input capacitance of the DQ and DQS pins.
This is required to match signal propagation times of DQ, DQS, and DM in the system.
3. Unused pins are tied to ground.
4. This parameteer is sampled. VDDQ = +2.5V +0.2V, VDD = +3.3V +0.3V or +0.25V+0.2V, f=100MHz, tA=25
°C, Vout(dc) =
VDDQ/2, Vout(peak to peak) = 0.2V. DM inputs are grouped with I/O pins - reflecting the fact that they are matched in loading
(to facilitate trace matching at the board level).
Note :


Similar Part No. - K4H1G0838M-UCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H1G0838M-TC/LA2 SAMSUNG-K4H1G0838M-TC/LA2 Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H1G0838M-TC/LB0 SAMSUNG-K4H1G0838M-TC/LB0 Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H1G0838M-TC/LB3 SAMSUNG-K4H1G0838M-TC/LB3 Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H1G0838M-TCA0 SAMSUNG-K4H1G0838M-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H1G0838M-TCA2 SAMSUNG-K4H1G0838M-TCA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H1G0838M-UCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com