Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EL1648D Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC100EL1648D
Description  5 V ECL Voltage Controlled Oscillator Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648D Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC100EL1648D Datasheet HTML 4Page - ON Semiconductor MC100EL1648D Datasheet HTML 5Page - ON Semiconductor MC100EL1648D Datasheet HTML 6Page - ON Semiconductor MC100EL1648D Datasheet HTML 7Page - ON Semiconductor MC100EL1648D Datasheet HTML 8Page - ON Semiconductor MC100EL1648D Datasheet HTML 9Page - ON Semiconductor MC100EL1648D Datasheet HTML 10Page - ON Semiconductor MC100EL1648D Datasheet HTML 11Page - ON Semiconductor MC100EL1648D Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC100EL1648
http://onsemi.com
8
FIXED FREQUENCY MODE
The MC100EL1648 external tank circuit components are
used to determine the desired frequency of operation as
shown in Figure 8, tank option #2. The tank circuit
components have direct impact on the tuning sensitivity, IEE,
and phase noise performance. Fixed frequency of the tank
circuit is usually realized by an inductor and capacitor (LC
network) that contains a high Quality factor (Q). The plotted
curve indicates various fixed frequencies obtained with a
single inductor and variable capacitor. The Q of the
components in the tank circuit has a direct impact on the
resulting phase noise of the oscillator. In general, when the
Q is high the oscillator will result in lower phase noise.
Figure 8. Fixed Frequency LC Tank
CAPACITANCE (pF)
470
370
270
170
70
−30
0.3
300
500
1000
2000
10000
Measured Frequency (MHz)
Calculated Frequency (MHz)
570
0
0.1
mF
C
L
8 (10)
1 (12)
4 (3)
VCC
3 (1)
2 (14)
Test
Point
FOUT
Tank #2
5 (5)
6 (7) 7 (8)
VEE
0.1
mF 0.1 mF
0.01
mF
100
mF
0.1
mF
0.1
mF
Note 1 Capacitor for tank may be variable type.
(See Tank Circuit #3.)
Note 2 Use high impedance probe (> 1 M
W ).
L = Micro Metal torroid #T20−22, 8 turns #30
Enameled Copper wire (@ 40 nH)
C = 3.0−35 pF Variable Capacitance (@ 10 pF)
8 pin (14 pin) lead package
QL ≥ 100
Only high quality surface−mount RF chip capacitors
should be used in the tank circuit at high frequencies. These
capacitors should have very low dielectric loss (high−Q). At
a minimum, the capacitors selected should be operating at
100 MHz below their series resonance point. As the desired
frequency of operation increases, the values of the tank
capacitor will decrease since the series resonance point is a
function of the capacitance value. Typically, the inductor is
realized as a surface−mount chip or a wound coil. In
addition, the lead inductance and board inductance and
capacitance also have an impact on the final operating point.
The following equation will help to choose the appropriate
values for your tank circuit design.
f0 +
1
2
p LT *CT
Where
LT = Total Inductance
CT = Total Capacitance
Figure 9 and Figure 10 represent the ideal curve of
inductance/capacitance versus frequency with one known
tank component. This helps the designer of the tank circuit
to choose desired value of inductor/capacitor component for
the wanted frequency. The lead inductance and board
inductance and capacitance will also have an impact on the
tank component values (inductor and capacitor).
Figure 9. Capacitor Value Known (5 pF)
Inductance vs. Frequency with 5 pF Cap
5
10
15
20
25
30
35
40
45
50
0
700
1000
1300
160
400
FREQUENCY (MHz)
Figure 10. Inductor Value Known (4 nH)
Capacitance vs. Frequency with 4 nH Inductance
5
10
15
20
25
30
35
40
45
50
0
700
1000
1300
160
400
FREQUENCY (Hz)


Similar Part No. - MC100EL1648D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648D ONSEMI-MC100EL1648D Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648D ONSEMI-MC100EL1648D Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648DG ONSEMI-MC100EL1648DG Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DG ONSEMI-MC100EL1648DG Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648DR2 ONSEMI-MC100EL1648DR2 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
More results

Similar Description - MC100EL1648D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_07 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
SYNERGY MICROWAVE CORPO...
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com