Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C1008-15 Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS5C1008-15
Description  128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C1008-15 Datasheet(HTML) 7 Page - Austin Semiconductor

  AS5C1008-15 Datasheet HTML 1Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 2Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 3Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 4Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 5Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 6Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 7Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 8Page - Austin Semiconductor AS5C1008-15 Datasheet HTML 9Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SRAM
AS5C1008
Austin Semiconductor, Inc.
AS5C1008
Rev. 3.5 1/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
WRITE CYCLE TIMING (CE\
1 CONTROLLED, OE\ = LOW)
1234
1234
1234
1234
UNDEFINED
DON’T CARE
DATA VALID
High-Z
t
AW
t
CW
t
AH
t
DH
ADDR
CE\
1
CE
2
WE\
D
IN
D
OUT
WRITE CYCLE TIMING (CE
2 CONTROLLED, OE\ = LOW)
12345678
12345678
12345678
12345678
12345678
1234567890123456789
1234567890123456789
1234567890123456789
1234567890123456789
1234567890123456789
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678
12345678
12345678
12345678
12345678
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
12345678
12345678
12345678
12345678
1234567890123456789
1234567890123456789
1234567890123456789
1234567890123456789
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678
12345678
12345678
12345678
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
123456
123456
123456
123456
DATA VALID
High-Z
t
WC
t
AW
t
CW
t
AH
t
AS
t
WP1
t
DS
t
DH
ADDR
CE\
1
CE
2
WE\
D
IN
D
OUT
t
WC
12345678
12345678
12345678
12345678
12345678
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
12345678
12345678
12345678
12345678
12345678
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
t
AS
t
WP1
t
DS


Similar Part No. - AS5C1008-15

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C1008 AUSTIN-AS5C1008 Datasheet
71Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
logo
Micross Components
AS5C1008 MICROSS-AS5C1008 Datasheet
147Kb / 10P
   Low active power
logo
Austin Semiconductor
AS5C1008DJ-15/IT AUSTIN-AS5C1008DJ-15/IT Datasheet
71Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
AS5C1008DJ-15/XT AUSTIN-AS5C1008DJ-15/XT Datasheet
71Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
AS5C1008DJ-20/IT AUSTIN-AS5C1008DJ-20/IT Datasheet
71Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
More results

Similar Description - AS5C1008-15

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C1008 AUSTIN-AS5C1008_05 Datasheet
71Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com