Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH322244AZKER Datasheet(PDF) 2 Page - Texas Instruments

Part # 74LVCH322244AZKER
Description  32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCH322244AZKER Datasheet(HTML) 2 Page - Texas Instruments

  74LVCH322244AZKER Datasheet HTML 1Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 2Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 3Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 4Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 5Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 6Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 7Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 8Page - Texas Instruments 74LVCH322244AZKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
GKE OR ZKE PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
P
N
M
L
K
T
R
SN74LVCH322244A
32-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES405B – JULY 2002 – REVISED APRIL 2005
TERMINAL ASSIGNMENTS
1
2
3
4
5
6
A
1Y2
1Y1
1OE
2OE
1A1
1A2
B
1Y4
1Y3
GND
GND
1A3
1A4
C
2Y2
2Y1
VCC
VCC
2A1
2A2
D
2Y4
2Y3
GND
GND
2A3
2A4
E
3Y2
3Y1
GND
GND
3A1
3A2
F
3Y4
3Y3
VCC
VCC
3A3
3A4
G
4Y2
4Y1
GND
GND
4A1
4A2
H
4Y3
4Y4
4OE
3OE
4A4
4A3
J
5Y2
5Y1
5OE
6OE
5A1
5A2
K
5Y4
5Y3
GND
GND
5A3
5A4
L
6Y2
6Y1
VCC
VCC
6A1
6A2
M
6Y4
6Y3
GND
GND
6A3
6A4
N
7Y2
7Y1
GND
GND
7A1
7A2
P
7Y4
7Y3
VCC
VCC
7A3
7A4
R
8Y2
8Y1
GND
GND
8A1
8A2
T
8Y3
8Y4
8OE
7OE
8A4
8A3
2


Similar Part No. - 74LVCH322244AZKER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVCH322244AEC PHILIPS-74LVCH322244AEC Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
More results

Similar Description - 74LVCH322244AZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC32244 TI-SN74AUC32244 Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32244A TI1-SN74LVCZ32244A Datasheet
406Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH32244 TI-SN74AUCH32244 Datasheet
252Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH32244 TI1-SN74ALVCH32244_15 Datasheet
790Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH32244A TI1-SN74LVCH32244A_15 Datasheet
795Kb / 13P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH32244A TI-SN74LVCH32244A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC32244 TI-SN74LVC32244 Datasheet
277Kb / 10P
[Old version datasheet]   32 BIT BUFFER /DRIVER WITH 3 STATE OUTPUTS
SN74ALVCH32244 TI-SN74ALVCH32244 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32240A TI-SN74LVCZ32240A Datasheet
174Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32240 TI-SN74LVT32240 Datasheet
203Kb / 9P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com