Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX4245DWR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX4245DWR2
Description  Dual Supply Octal Translating Transceiver with 3?뭆tate Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4245DWR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX4245DWR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX4245DWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74LVX4245
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS
TA = −40 to +85°C
CL = 50pF
TA = −40 to +85°C
CL = 50pF
VCCA = 5V ±0.5V
VCCB = 3.3V ±0.3V
VCCA = 5V ±0.5V
VCCB = 2.7V
Symbol
Parameter
Min
Typ
(Note 4)
Max
Min
Max
Unit
tPHL
tPLH
Propagation Delay A to B
1.0
1.0
5.1
5.3
9.0
9.0
1.0
1.0
10.0
10.0
ns
tPHL
tPLH
Propagation Delay B to A
1.0
1.0
5.4
5.5
9.0
9.0
1.0
1.0
10.0
10.0
ns
tPZL
tPZH
Output Enable Time OE to B
1.0
1.0
6.5
6.7
10.5
10.5
1.0
1.0
11.5
11.5
ns
tPZL
tPZH
Output Enable Time OE to A
1.0
1.0
5.2
5.8
9.5
9.5
1.0
1.0
10.0
10.0
ns
tPHZ
tPLZ
Output Disable Time OE to B
1.0
1.0
6.0
3.3
10.0
7.0
1.0
1.0
10.0
7.5
ns
tPHZ
tPLZ
Output Disable Time OE to A
1.0
1.0
3.9
2.9
7.5
7.0
1.0
1.0
7.5
7.5
ns
tOSHL
tOSLH
Output to Output Skew, Data to Output (Note 5)
1.0
1.5
1.5
ns
4. Typical values at VCCA = 5.0V; VCCB = 3.3V at 25°C.
5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX4245DW
SOIC−24
30 Units / Rail
MC74LVX4245DWR2
SOIC−24
1000 Tape & Reel
MC74LVX4245DWR2G
SOIC−24
(Pb−Free)
1000 Tape & Reel
MC74LVX4245DT
TSSOP−24*
62 Units / Rail
MC74LVX4245DTR2
TSSOP−24*
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74LVX4245DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4245DWR2G ONSEMI-MC74LVX4245DWR2G Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
MC74LVX4245DWR2G ONSEMI-MC74LVX4245DWR2G Datasheet
104Kb / 10P
   Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
More results

Similar Description - MC74LVX4245DWR2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
74LVC4245A NXP-74LVC4245A Datasheet
112Kb / 17P
   Octal dual supply translating transceiver; 3-state
Rev. 06-18 January 2008
logo
Nexperia B.V. All right...
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_11 Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
MC74LVX4245 ONSEMI-MC74LVX4245_17 Datasheet
104Kb / 10P
   Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
MC74AC245 ONSEMI-MC74AC245_06 Datasheet
112Kb / 10P
   Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
   Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
MC74AC646 ONSEMI-MC74AC646_06 Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR2G ONSEMI-MC74AC646DWR2G Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com