Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWD491CSD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HWD491CSD
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD491CSD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HWD491CSD Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD491CSD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) .............................................................12V
Control Input Voltage (RE, DE)...................-0.5V to (VCC + 0.5V)
Driver Input Voltage (DI).............................-0.5V to (VCC + 0.5V)
Driver Output Voltage (A, B)...................................-8V to +12.5V
Receiver Input Voltage (A, B).................................-8V to +12.5V
Receiver Output Voltage (RO).....................-0.5V to (VCC +0.5V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ..800mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............830mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C).........640mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C).......727mW
Operating Temperature Ranges
HWD4_ _C_ _/HWD1487C_ A ...............................0°C to +70°C
HWD4_ _E_ _/HWD1487E_ A .............................-40°C to +85°C
HWD4_ _MJ_/HWD1487MJA ...........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
V
VIN = -7V
VIN = 12V
VIN = -7V
VIN = 12V
Input Current
(A, B)
IIN2
VTH
kΩ
48
-7V ≤ VCM ≤ 12V, HWD487/HWD1487
RIN
Receiver Input Resistance
-7V ≤ VCM ≤ 12V, all devices except
HWD487/HWD1487
R = 27Ω (RS-485), Figure 4
0.4V ≤ VO ≤ 2.4V
R = 50Ω (RS-422)
IO = 4mA, VID = -200mV
IO = -4mA, VID = 200mV
VCM = 0V
-7V ≤ VCM ≤ 12V
DE, DI, RE
DE, DI, RE
HWD487/HWD1487,
DE = 0V, VCC = 0V or 5.25V
DE, DI, RE
R = 27Ω or 50Ω, Figure 4
R = 27Ω or 50Ω, Figure 4
R = 27Ω or 50Ω, Figure 4
DE = 0V;
VCC = 0V or 5.25V,
all devices except
HWD487/HWD1487
CONDITIONS
kΩ
12
µA
±1
IOZR
Three-State (high impedance)
Output Current at Receiver
V
0.4
VOL
Receiver Output Low Voltage
3.5
VOH
Receiver Output High Voltage
mV
70
∆VTH
Receiver Input Hysteresis
V
-0.2
0.2
Receiver Differential Threshold
Voltage
-0.2
mA
0.25
mA
-0.8
1.0
1.5
5
VOD2
Differential Driver Output
(with load)
V
2
V
5
VOD1
Differential Driver Output (no load)
µA
±2
IIN1
Input Current
V
0.8
VIL
Input Low Voltage
V
2.0
VIH
Input High Voltage
V
0.2
∆VOD
Change in Magnitude of Driver
Common-Mode Output Voltage
for Complementary Output States
V
0.2
∆VOD
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
V
3
VOC
Driver Common-Mode Output
Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
2


Similar Part No. - HWD491CSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD43 ETC2-HWD43 Datasheet
892Kb / 1P
   1/2 WATT METAL
HWD4558 ETC1-HWD4558 Datasheet
278Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
HWD4558M ETC1-HWD4558M Datasheet
278Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
HWD4558P ETC1-HWD4558P Datasheet
278Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
HWD47 ETC2-HWD47 Datasheet
892Kb / 1P
   1/2 WATT METAL
More results

Similar Description - HWD491CSD

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
KODENSHI_AUK CORP.
KKX485 KODENSHI-KKX485 Datasheet
305Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com