Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ4027B Datasheet(PDF) 2 Page - Integral Corp.

Part # IZ4027B
Description  Dual JK Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ4027B Datasheet(HTML) 2 Page - Integral Corp.

  IZ4027B Datasheet HTML 1Page - Integral Corp. IZ4027B Datasheet HTML 2Page - Integral Corp. IZ4027B Datasheet HTML 3Page - Integral Corp. IZ4027B Datasheet HTML 4Page - Integral Corp. IZ4027B Datasheet HTML 5Page - Integral Corp. IZ4027B Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IW4027B
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP, SOIC
Package
500**
mW
Ptot
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
**Derating: - Plastic DIP from -55 to +100
°C
- SOIC Package from -55 to +65
°C
- Plastic DIP: - 10 mW/
°C from +100 to +125°C
- SOIC Package: : - 7 mW/
°C from +65 to +125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN
DC Input Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static volt ages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to
this
high-impedance
circuit.
For
proper
operation
VIN
should
be
constrained
to
the
range
GND
≤V
IN
≤V
CC.
Unused inputs mu st always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IZ4027B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ4040B INTEGRAL-IZ4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
List of Unclassifed Man...
IZ4053B ETC-IZ4053B Datasheet
71Kb / 8P
   Analog Multiplexer Demultiplexer
More results

Similar Description - IZ4027B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com