Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS93D Datasheet(PDF) 6 Page - ON Semiconductor

Part # SN74LS93D
Description  DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS93D Datasheet(HTML) 6 Page - ON Semiconductor

  SN74LS93D Datasheet HTML 1Page - ON Semiconductor SN74LS93D Datasheet HTML 2Page - ON Semiconductor SN74LS93D Datasheet HTML 3Page - ON Semiconductor SN74LS93D Datasheet HTML 4Page - ON Semiconductor SN74LS93D Datasheet HTML 5Page - ON Semiconductor SN74LS93D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-6
FAST AND LS TTL DATA
SN54/74LS90
• SN54/74LS92 • SN54/74LS93
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V, CL = 15 pF)
Sb l
P
Limits
Ui
Sb l
P
LS90
LS92
LS93
Ui
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
CP0 Input Clock Frequency
32
32
32
MHz
fMAX
CP1 Input Clock Frequency
16
16
16
MHz
tPLH
tPHL
Propagation Delay,
CP0 Input to Q0 Output
10
12
16
18
10
12
16
18
10
12
16
18
ns
tPLH
tPHL
CP0 Input to Q3 Output
32
34
48
50
32
34
48
50
46
46
70
70
ns
tPLH
tPHL
CP1 Input to Q1 Output
10
14
16
21
10
14
16
21
10
14
16
21
ns
tPLH
tPHL
CP1 Input to Q2 Output
21
23
32
35
10
14
16
21
21
23
32
35
ns
tPLH
tPHL
CP1 Input to Q3 Output
21
23
32
35
21
23
32
35
34
34
51
51
ns
tPLH
MS Input to Q0 and Q3 Outputs
20
30
ns
tPHL
MS Input to Q1 and Q2 Outputs
26
40
ns
tPHL
MR Input to Any Output
26
40
26
40
26
40
ns
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Sb l
P
Limits
Ui
Sb l
P
LS90
LS92
LS93
Ui
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
tW
CP0 Pulse Width
15
15
15
ns
tW
CP1 Pulse Width
30
30
30
ns
tW
MS Pulse Width
15
ns
tW
MR Pulse Width
15
15
15
ns
trec
Recovery Time MR to CP
25
25
25
ns
RECOVERY TIME (trec) is defined as the minimum time required between the end of the reset pulse and the clock transition from HIGH-to-LOW in order to recognize
and transfer HIGH data to the Q outputs
AC WAVEFORMS
Figure 1
Figure 2
Figure 3
*CP
Q
1.3 V
tPHL
tW
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
*The number of Clock Pulses required between the tPHL and tPLH measurements can be determined from the appropriate Truth Tables.
MR & MS
CP
Q
MS
Q0 • Q3
(LS90)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tW
tPLH
trec
tW
CP
trec


Similar Part No. - SN74LS93D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS93D MOTOROLA-SN74LS93D Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Texas Instruments
SN74LS93D TI-SN74LS93D Datasheet
414Kb / 14P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN74LS93D TI-SN74LS93D Datasheet
944Kb / 23P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN74LS93D TI1-SN74LS93D Datasheet
1Mb / 24P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN74LS93D TI1-SN74LS93D Datasheet
1Mb / 25P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
More results

Similar Description - SN74LS93D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
SN54LS290 MOTOROLA-SN54LS290 Datasheet
205Kb / 7P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS290 ONSEMI-SN54-74LS290 Datasheet
74Kb / 5P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
Texas Instruments
74LS92 TI-74LS92 Datasheet
278Kb / 3P
[Old version datasheet]   DIVIDE-BY-TWELVE COUNTER
logo
National Semiconductor ...
7492A NSC-7492A Datasheet
256Kb / 3P
   DIVIDE-BY-TWELVE COUNTER
logo
Fairchild Semiconductor
MM74C90 FAIRCHILD-MM74C90_02 Datasheet
67Kb / 7P
   4-Bit Decade Counter ??4-Bit Binary Counter
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
   BCD DECADE COUNTER/4-BIT BINARY COUNTER
logo
National Semiconductor ...
MM54C90 NSC-MM54C90 Datasheet
124Kb / 6P
   4-Bit Decade, Binary Counter
logo
STMicroelectronics
M54HC4518 STMICROELECTRONICS-M54HC4518 Datasheet
270Kb / 13P
   HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com