Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HCU04AN Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74HCU04AN
Description  Hex Unbuffered Inverters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCU04AN Datasheet(HTML) 1 Page - Integral Corp.

  IN74HCU04AN Datasheet HTML 1Page - Integral Corp. IN74HCU04AN Datasheet HTML 2Page - Integral Corp. IN74HCU04AN Datasheet HTML 3Page - Integral Corp. IN74HCU04AN Datasheet HTML 4Page - Integral Corp. IN74HCU04AN Datasheet HTML 5Page - Integral Corp. IN74HCU04AN Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IN74HCU04A
IN74HCU04A
Hex Unbuffered Inverters
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
IN74HCU04AN Plastic
IN74HCU04AD SOIC
TA = -55° to 125° C for all packages
The IN74HCU04A is identical in pinout to the 74LS04. This contain
six independent unbuffered inverters. These inverters are well suited for
use as oscillators, pulse shapers and in many other applications requiring
a high-input impedance amplifier.
This device is characterized for over wide temperature ranges to meet
industry and ation over military specifications.
• Low Power consumption characteristic of CMOS devices
• Output drive capability: 10 LS TTL Loads Min.
• Operating speed superior to LS TTL
• Wide operating voltage range: 2.0 to 6.0 V
• Low input current: 1.0 µA Max.
• Low quiescent current: 20µA Max.
• High noise immunity characteristic of CMOS
• Diode protection on all inputs
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
FUNCTION TABLE
Inputs
Output
A
Y
L
H
H
L
1


Similar Part No. - IN74HCU04AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCU04A IKSEMICON-IN74HCU04A Datasheet
163Kb / 6P
   High noise immunity characteristic of CMOS
More results

Similar Description - IN74HCU04AN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com