Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC174AN Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74HC174AN
Description  Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC174AN Datasheet(HTML) 3 Page - Integral Corp.

  IN74HC174AN Datasheet HTML 1Page - Integral Corp. IN74HC174AN Datasheet HTML 2Page - Integral Corp. IN74HC174AN Datasheet HTML 3Page - Integral Corp. IN74HC174AN Datasheet HTML 4Page - Integral Corp. IN74HC174AN Datasheet HTML 5Page - Integral Corp. IN74HC174AN Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74HC174A
3
INTEGRAL
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
-55
°C
to
25
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT
≥ V
CC-0.1 V
or
≤0.1 V
I
OUT
≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -Level
Input Voltage
VOUT
≤0.1 V
or
≥V
CC-0.1 V
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High-Level
Output Voltage
VIN=VIH or VIL
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
I
OUT
 ≤ 4.0 mA
I
OUT
 ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-Level
Output Voltage
VIN= VIL or VIH
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIL or VIH
I
OUT
 ≤ 4.0 mA
I
OUT
 ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0
µA
6.0
4.0
40
160
µA


Similar Part No. - IN74HC174AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC174AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC174A MOTOROLA-MC54HC174A Datasheet
210Kb / 6P
   Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com