Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC132AD Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74HC132AD
Description  QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS High-Performance Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC132AD Datasheet(HTML) 2 Page - Integral Corp.

  IN74HC132AD Datasheet HTML 1Page - Integral Corp. IN74HC132AD Datasheet HTML 2Page - Integral Corp. IN74HC132AD Datasheet HTML 3Page - Integral Corp. IN74HC132AD Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IN74HC132A
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10
Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to
GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
-
no
limit*
ns
*When VIN ≈ 0.5VCC, ICC> > quiescent current.
This device contains protection circuitry to guard against damage due to high static
voltages or electric fields. However, precautions must be taken to avoid applications of any voltage
higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and
VOUT should be constrained to the range GND≤(VIN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or
VCC). Unused outputs must be left open.


Similar Part No. - IN74HC132AD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC132AD IKSEMICON-IN74HC132AD Datasheet
189Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC132AD

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC132 INTEGRAL-IN74AC132 Datasheet
108Kb / 4P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC132A KODENSHI-KK74HC132A Datasheet
203Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC132A IKSEMICON-IN74HC132A Datasheet
189Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
IN74HCT132A IKSEMICON-IN74HCT132A Datasheet
188Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT132 KODENSHI-KK74ACT132 Datasheet
241Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74HCT132A KODENSHI-KK74HCT132A Datasheet
195Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74AC132 KODENSHI-KK74AC132 Datasheet
242Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT132 IKSEMICON-IN74ACT132 Datasheet
175Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT132 SLS-SL74HCT132 Datasheet
68Kb / 6P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC132A MOTOROLA-MC54HC132A Datasheet
197Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS HIGH-PERFORMANCE SILICON-GATE CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com