Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM-C3E1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APM-C3E1
Description  APM Series Compact Proximity Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APM-C3E1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APM-C3E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers APM-C3E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers APM-C3E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers APM-C3E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers APM-C3E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers APM-C3E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
6
Specifications
click
No. CP-PC-2173E
APM Series
Compact Proximity Sensors
FEATURES
Compact Proximity Sensors Can be Installed Anywhere.
Locking Boss Ensures Easy Mounting.
This thin 5.9mm (side sensing type) sensor takes up little space.
8mm wide, compact with a 2.5mm sensing range.
Locking boss allows easy mounting by single screw. Mounting bracket not
required. (locking boss type)
Indicator lamp visible from all three directions allows easy checking of the
operating state.
Wide variety of sensor types support all kinds of applications.
ORDER GUIDE
DC 3-wire type
Appearance
Sensor package style
Dimensions (mm)
W
D
H
Sensing
distance
(mm)
Location
of sensing
face
Locking
boss
Output/operation mode
(open collector)
Catalog listing
Top sensing type
8
D
H
(sensing face)
D=5.9
H=9.4
(body)
D=21.6
H=5.9
2.5
Top
Not
provided
NPN
N.O.
APM-A3A1
N.C.
APM-A3B1
PNP
N.O.
APM-A3D1
N.C.
APM-A3E1
Provided
NPN
N.O.
APM-B3A1
N.C.
APM-B3B1
PNP
N.O.
APM-B3D1
N.C.
APM-B3E1
Side sensing type
8
25
5.9
Side
Not
provided
NPN
N.O.
APM-C3A1
N.C.
APM-C3B1
PNP
N.O.
APM-C3D1
N.C.
APM-C3E1
Provided
NPN
N.O.
APM-D3A1
N.C.
APM-D3B1
PNP
N.O.
APM-D3D1
N.C.
APM-D3E1
Side sensing type
8
25
7.5
Side
Not
provided
NPN
N.O.
APM-C3A1-S
N.C.
APM-C3B1-S
Provided
NPN
N.O.
APM-D3A1-S
N.C.
APM-D3B1-S
Note:
Different-frequency types also available for all models. These types are appended with the letter ‘‘
-F’’ is used.
Example: Different-frequency type of
APM-C3A1 is expressed as APM-C3A1F.
‘‘Different-frequency type’’ is a type having an oscillation frequency different to that of the standard type to reduce the influence of mutual inter-
ference. Select this type when mounting two or more proximity sensors close to each other.
For details, contact your nearest Yamatake dealer.


Similar Part No. - APM-C3E1

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
APM-40D12 MINMAX-APM-40D12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40D15 MINMAX-APM-40D15 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S05 MINMAX-APM-40S05 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S12 MINMAX-APM-40S12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
More results

Similar Description - APM-C3E1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8059122 FESTO-8059122 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106572 FESTO-8106572 Datasheet
74Kb / 1P
   Proximity sensors
8106578 FESTO-8106578 Datasheet
70Kb / 1P
   Proximity sensors
8059124 FESTO-8059124 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106575 FESTO-8106575 Datasheet
68Kb / 1P
   Proximity sensors
logo
Omron Electronics LLC
E2V-X2B1 OMRON-E2V-X2B1 Datasheet
754Kb / 6P
   Proximity Sensors
logo
Festo Corporation.
8059121 FESTO-8059121 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8059120 FESTO-8059120 Datasheet
87Kb / 2P
   Proximity sensors
7/11/22
8059125 FESTO-8059125 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106571 FESTO-8106571 Datasheet
73Kb / 1P
   Proximity sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com