Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD8608A8A-75BA Datasheet(PDF) 3 Page - A-Data Technology

Part # ADD8608A8A-75BA
Description  Double Data Rate SDRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADD8608A8A-75BA Datasheet(HTML) 3 Page - A-Data Technology

  ADD8608A8A-75BA Datasheet HTML 1Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 2Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 3Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 4Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 5Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 6Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 7Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 8Page - A-Data Technology ADD8608A8A-75BA Datasheet HTML 9Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
A-Data
ADD8608A8A
Pin Description
PIN
NAME
FUNCTION
CK, /CK
System Clock
Differential clock input.
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle. CKE
should be enabled at least on cycle prior new command. Disable input
buffers for power down in standby
/CS
Chip Select
Disables or Enables device operation by masking or enabling all input
except CK, CKE and DQ
A0~A12
Address
Row / Column address are multiplexed on the same pins.
Row address : A0~A12
Column address : A0~A9
BS0~BS1 Banks Select
Selects bank to be activated during row address latch time.
Selects bank for read / write during column address latch time.
DQ0~DQ7 Data
Data inputs / outputs are multiplexed on the same pins.
/RAS
Row Address Strobe
Latches row addresses on the positive edge of the CLK with /RAS low
/CAS
Column Address Strobe
Latches Column addresses on the positive edge of the CLK with /CAS
low
/WE
Write Enable
Enables write operation and row recharge.
VDD/VSS Power Supply/Ground
Power and Ground for the input buffers and the core logic.
VDDQ/VSSQ Data Output Power/Ground
Power supply for output buffers.
VREF
Reference Voltage
Reference voltage for inputs for SSTL interface.
NC
No Connection
This pin is recommended to be left No Connection on the device.
Block Diagram
CK
CKE
Clock
Generator
Address
/CS
/RAS
/CAS
/WE
DQM
Mode
Register
Address
Buffer
&
Refresh
Counter
Column
Address
Buffer
&
Refresh
Counter
Bank0
Bank2
Bank3
Bank1
Amplifier
Column Decoder
Data Control Circuit
DQ0~DQ7
DQS
Rev 2 April, 2002
3


Similar Part No. - ADD8608A8A-75BA

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
ADD8616A8A-75BA A-DATA-ADD8616A8A-75BA Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results

Similar Description - ADD8608A8A-75BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com