Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VVZB120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VVZB120
Description  Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VVZB120 Datasheet(HTML) 1 Page - IXYS Corporation

  VVZB120 Datasheet HTML 1Page - IXYS Corporation VVZB120 Datasheet HTML 2Page - IXYS Corporation VVZB120 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
V
CES
T
VJ
= 25°C to 150°C
1200
V
V
GE
Continuous
± 20
V
I
C25
T
case = 25°C, DC
78
A
I
C80
T
case = 80°C, DC
52
A
I
CM
t
p
= Pulse width limited by T
VJM
140
A
P
tot
T
case = 80°C
222
W
V
RRM
1200
V
I
F(AV)
T
case = 80°C, rectangular d = 0.5
27
A
I
F(RMS)
T
case = 80°C, rectangular d = 0.5
38
A
I
FRM
T
case = 80°C, tP = 10 µs, f = 5 kHz
tbd
A
I
FSM
T
VJ
= 45°C, t = 10 ms
200
A
T
VJ
= 150°C, t = 10 ms
180
A
P
tot
T
case = 80°C
64
W
Symbol
Conditions
Maximum Ratings
I
dAV
T
case= 80°C, sinusoidal 120°
120
A
I
FRMS/ITRMS
T
case= 80°C, per leg
77
A
I
FSM/ITSM
T
VJ
= 25°C, t = 10 ms, V
R = 0 V
750
A
T
VJ
= 150°C, t = 10 ms, V
R = 0 V
670
A
I2t
T
VJ
= 25°C, t = 10 ms, V
R = 0 V
2810
A
T
VJ
= 150°C, t = 10 ms, V
R = 0V
2240
A
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 150 A
150
A/µs
f = 50 Hz, t
P = 200 µs
V
D =
2/
3 VDRM
I
G = 0.45 A,
non repetitive, I
T = Id(AV)/3
500
A/µs
di
G/dt = 0.45 A/µs
(dv/dt)
cr
T
VJ = TVJM; VDR =
2/
3 VDRM
1000
V/µs
R
GK =
¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =30 µs
10
W
I
T
= I
d(AV)/3
t
P = 300 µs
5
W
t
P =10 ms
1
W
P
GAVM
0.5
W
V
RRM
Type
V
1200
VVZB 120-12 io1
1400
VVZB 120-14 io1
1600
VVZB 120-16 io1
Features
• Soldering connections for PCB
mounting
• Isolation voltage 3600 V~
• Ultrafast freewheel diode
• Convenient package outline
Applications
• Drive Inverters with brake system
Advantages
• 2 functions in one package
• No external isolation
• Easy to mount with two screws
• Suitable for wave soldering
• High temperature and power cycling
capability
VVZB 120
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions.
V
RRM = 1200-1600 V
I
dAV
= 120 A
Three Phase Half Controlled
Rectifier Bridge
with IGBT and Fast Recovery Diode
for Braking System


Similar Part No. - VVZB120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB120-16IOX IXYS-VVZB120-16IOX Datasheet
312Kb / 7P
   Thyristor Module(3~ Rectifier Bridge, half-controlled (high-side) Brake Unit)
More results

Similar Description - VVZB120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB170-16NO1 IXYS-VVZB170-16NO1 Datasheet
196Kb / 3P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO2 IXYS-VUB120-12NO2 Datasheet
69Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB116 IXYS-VUB116 Datasheet
50Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB135 IXYS-VVZB135 Datasheet
137Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB60 IXYS-VUB60 Datasheet
110Kb / 4P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO1 IXYS-VUB120-12NO1 Datasheet
104Kb / 4P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB71 IXYS-VUB71 Datasheet
183Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
logo
Semikron International
SK170DHL126 SEMIKRON-SK170DHL126 Datasheet
300Kb / 2P
   Half controlled bridge rectifier IGBT braking chopper
SK200DHL066 SEMIKRON-SK200DHL066 Datasheet
306Kb / 2P
   Half controlled bridge rectifier IGBT braking chopper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com