Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK351D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK351D
Description  1:10 clock distribution device with 3-State outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK351D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK351D Datasheet HTML 1Page - NXP Semiconductors PCK351D Datasheet HTML 2Page - NXP Semiconductors PCK351D Datasheet HTML 3Page - NXP Semiconductors PCK351D Datasheet HTML 4Page - NXP Semiconductors PCK351D Datasheet HTML 5Page - NXP Semiconductors PCK351D Datasheet HTML 6Page - NXP Semiconductors PCK351D Datasheet HTML 7Page - NXP Semiconductors PCK351D Datasheet HTML 8Page - NXP Semiconductors PCK351D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
PCK351
1:10 clock distribution device with 3-State outputs
Product data
Rev. 01 — 14 May 2002
2 of 17
9397 750 09791
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (C
L × VCC
2
× f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL/tPLH
propagation delay: A to Yn
CL = 50 pF; VCC = 3.3 V
3.1
3.6
4.1
ns
CI
input capacitance
VI =VCC or GND
-
4
-
pF
CO
output capacitance
VI =VCC or GND
-
6
-
pF
CPD
power dissipation capacitance[1]
CL = 50 pF; f = 1 MHz
-
48
-
pF
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PCK351D
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
PCK351DB
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1


Similar Part No. - PCK351D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807AD PHILIPS-PCK3807AD Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807ADB PHILIPS-PCK3807ADB Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807ADS PHILIPS-PCK3807ADS Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807APW PHILIPS-PCK3807APW Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
More results

Similar Description - PCK351D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
   1:10 PECL clock distribution device
2001 Jun 19
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
   1:10 LVDS clock distribution device
2001 Jun 19
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com