Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK351 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK351
Description  1:10 clock distribution device with 3-State outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK351 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK351 Datasheet HTML 2Page - NXP Semiconductors PCK351 Datasheet HTML 3Page - NXP Semiconductors PCK351 Datasheet HTML 4Page - NXP Semiconductors PCK351 Datasheet HTML 5Page - NXP Semiconductors PCK351 Datasheet HTML 6Page - NXP Semiconductors PCK351 Datasheet HTML 7Page - NXP Semiconductors PCK351 Datasheet HTML 8Page - NXP Semiconductors PCK351 Datasheet HTML 9Page - NXP Semiconductors PCK351 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Philips Semiconductors
PCK351
1:10 clock distribution device with 3-State outputs
Product data
Rev. 01 — 14 May 2002
6 of 17
9397 750 09791
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
7.
Limiting values
[1]
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated
under ‘recommended operating conditions’ is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability. The maximum
junction temperature of this integrated circuit should not exceed 150
°C.
[3]
The input and output negative voltage ratings may be exceeded if the input and output clamp currents
are observed.
8.
Recommended operating conditions
[1]
Unused pins (input or I/O) must be held HIGH or LOW.
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1], [2]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage range
−0.5
+4.6
V
VI
input voltage range
[3]
−0.5
+7.0
V
VO
output voltage range
[3]
−0.5
+3.6
V
IIK
input clamp current
VI <0V
-
−18
mA
IOK
output clamp current
VI <0V
-
−50
mA
IO
output sink current
-
64
mA
ICC, IGND
VCC or GND current
-
±75
mA
Tstg
storage temperature
−65
+150
°C
PD
maximum power dissipation
SO package
Tamb = +55 °C
-
0.65
W
SSOP package
Tamb = +55 °C
-
1.7
W
Table 6:
Recommended operating conditions
See note 1.
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
3.0
3.6
V
VIH
HIGH-level input voltage
2.0
5.5
V
VI
input voltage
0
0.8
V
Tamb
ambient temperature
see Table 7 “DC
characteristics”
and Table 8 “AC
characteristics”
per device
−40
+85
°C
tr, tf
input rise and fall times
VCC = 3.3 ±0.3 V
-
100
ns/V


Similar Part No. - PCK351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807AD PHILIPS-PCK3807AD Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807ADB PHILIPS-PCK3807ADB Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807ADS PHILIPS-PCK3807ADS Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PCK3807APW PHILIPS-PCK3807APW Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
More results

Similar Description - PCK351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
   1:10 LVTTL clock distribution device
2004 Aug 27
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
   1:10 PECL clock distribution device
2001 Jun 19
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
   1:10 LVDS clock distribution device
2001 Jun 19
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com