Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2578KJ1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2578KJ1
Description  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2578KJ1 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2578KJ1 Datasheet HTML 1Page - New Japan Radio NJM2578KJ1 Datasheet HTML 2Page - New Japan Radio NJM2578KJ1 Datasheet HTML 3Page - New Japan Radio NJM2578KJ1 Datasheet HTML 4Page - New Japan Radio NJM2578KJ1 Datasheet HTML 5Page - New Japan Radio NJM2578KJ1 Datasheet HTML 6Page - New Japan Radio NJM2578KJ1 Datasheet HTML 7Page - New Japan Radio NJM2578KJ1 Datasheet HTML 8Page - New Japan Radio NJM2578KJ1 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM2578
- 5 -
s
s
s
s TYPICAL CHRACTERISTICS
Supply Current vs. Supply Voltage
Supply Current at Power Save Mode vs. Supply Voltage
(No Signal)
(No Signal)
Maximum Output Voltage Swing vs. Supply Voltage
Voltage Gain vs. Supply Voltage
(f=100kHz,THD=1%)
(vin=100kHz,0.5Vpp sine-signal)
LPF Characteristic vs. Supply Voltage
LPF Characteristic vs. Supply Voltage
(vin=4.5MHz/100kHz,0.5Vpp)
(vin=8MHz/100kHz,0.5Vpp)
11.0
11.5
12.0
12.5
13.0
13.5
14.0
23
4
5
6
7
8
V
+[V]
1.0
2.0
3.0
4.0
5.0
6.0
23
4
5
6
7
8
V
+[V]
-1.5
-1.0
-0.5
0.0
0.5
2
345
67
8
V
+[V]
-10
-8
-6
-4
-2
0
2
234
5
6
7
8
V
+[V]
6
7
8
9
10
11
12
13
14
2345
678
V
+[V]
0
10
20
30
40
50
60
2345
678
V
+[V]


Similar Part No. - NJM2578KJ1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
NJM2570AV NJRC-NJM2570AV Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2573 NJRC-NJM2573 Datasheet
84Kb / 3P
   LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF
NJM2573SE4 NJRC-NJM2573SE4 Datasheet
84Kb / 3P
   LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF
More results

Similar Description - NJM2578KJ1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575 NJRC-NJM2575 Datasheet
805Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2576 NJRC-NJM2576 Datasheet
434Kb / 8P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2563 NJRC-NJM2563 Datasheet
118Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575F1-TE1 NJRC-NJM2575F1-TE1 Datasheet
812Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2562 NJRC-NJM2562 Datasheet
119Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2573 NJRC-NJM2573 Datasheet
84Kb / 3P
   LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com