Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG221BDY Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG221BDY
Description  Quad SPST CMOS Analog Switch with Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG221BDY Datasheet(HTML) 5 Page - Vishay Siliconix

  DG221BDY Datasheet HTML 1Page - Vishay Siliconix DG221BDY Datasheet HTML 2Page - Vishay Siliconix DG221BDY Datasheet HTML 3Page - Vishay Siliconix DG221BDY Datasheet HTML 4Page - Vishay Siliconix DG221BDY Datasheet HTML 5Page - Vishay Siliconix DG221BDY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DG221B
Vishay Siliconix
New Product
Document Number: 71616
S-03627—Rev. A, 23-Apr-01
www.vishay.com
5
TEST CIRCUITS
DVO = measured voltage error due to charge injection
The charge injection in coulombs is Q = CL x DVO
FIGURE 5. Charge Injection
CL
1000 pF
S
VO
D
Vg
–15 V
IN
V+
V–
3 V
Rg
+15 V
WR
VO
DVO
INX OFF
OFF
ON
FIGURE 6. Off Isolation
FIGURE 7. Channel-to-Channel Crosstalk
S
IN
RL
D
Rg = 50 W
VS
VO
2.4 V
Off Isolation = 20 log
VS
VO
V+
–15 V
GND
V–
C
C
+15 V
S1
IN1
0V
RL
VO
0V
+15 V
–15 V
GND
V+
V–
NC
C
C
50
W
VS
IN2
S2
Rg = 50 W
D1
D2
XTALK Isolation = 20 log
VS
VO
C = RF bypass
WR
C = RF bypass
WR
APPLICATION HINTSa
V+
Positive Supply
Voltage
(V)
V–
Negative Supply
Voltage
(V)
GND
(V)
WR
(V)
VIN
Logic Input
Voltage
VINH(min)/VINL(max)
(V)
VS or VD
Analog Voltage
Range
(V)
15
10
10
–15
–10
–5
0
0
0
2.4/0.8
2.4/0.8
2.4/0.8
2.4/0.8
2.4/0.8
2.4/0.8
–15 to 15
–10 to 10
–5 to 10
Notes:
a.
Application Hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing.


Similar Part No. - DG221BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG221B VISHAY-DG221B Datasheet
171Kb / 10P
   Quad SPST CMOS Analog Switch with Latches
08-Feb-17
DG221B VISHAY-DG221B_V01 Datasheet
171Kb / 10P
   Quad SPST CMOS Analog Switch with Latches
08-Feb-17
More results

Similar Description - DG221BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG221B VISHAY-DG221B_V01 Datasheet
171Kb / 10P
   Quad SPST CMOS Analog Switch with Latches
08-Feb-17
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
November 1999
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com