Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS90D Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS90D
Description  DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS90D Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS90D Datasheet HTML 1Page - ON Semiconductor SN74LS90D Datasheet HTML 2Page - ON Semiconductor SN74LS90D Datasheet HTML 3Page - ON Semiconductor SN74LS90D Datasheet HTML 4Page - ON Semiconductor SN74LS90D Datasheet HTML 5Page - ON Semiconductor SN74LS90D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FAST AND LS TTL DATA
DECADE COUNTER;
DIVIDE-BY-TWELVE COUNTER;
4-BIT BINARY COUNTER
The SN54 / 74LS90, SN54 / 74LS92 and SN54 / 74LS93 are high-speed
4-bit ripple type counters partitioned into two sections. Each counter has a di-
vide-by-two section and either a divide-by-five (LS90), divide-by-six (LS92) or
divide-by-eight (LS93) section which are triggered by a HIGH-to-LOW transi-
tion on the clock inputs. Each section can be used separately or tied together
(Q to CP) to form BCD, bi-quinary, modulo-12, or modulo-16 counters. All of
the counters have a 2-input gated Master Reset (Clear), and the LS90 also
has a 2-input gated Master Set (Preset 9).
Low Power Consumption ...Typically 45 mW
High Count Rates ...Typically 42 MHz
Choice of Counting Modes . . . BCD, Bi-Quinary, Divide-by-Twelve,
Binary
Input Clamp Diodes Limit High Speed Termination Effects
PIN NAMES
LOADING (Note a)
HIGH
LOW
CP0
Clock (Active LOW going edge) Input to
÷2 Section
0.5 U.L.
1.5 U.L.
CP1
Clock (Active LOW going edge) Input to
÷5 Section (LS90), ÷6 Section (LS92)
0.5 U.L.
2.0 U.L.
CP1
Clock (Active LOW going edge) Input to
÷8 Section (LS93)
0.5 U.L.
1.0 U.L.
MR1, MR2
Master Reset (Clear) Inputs
0.5 U.L.
0.25 U.L.
MS1, MS2
Master Set (Preset-9, LS90) Inputs
0.5 U.L.
0.25 U.L.
Q0
Output from
÷2 Section (Notes b & c)
10 U.L.
5 (2.5) U.L.
Q1, Q2, Q3
Outputs from
÷5 (LS90), ÷6 (LS92),
÷8 (LS93) Sections (Note b)
10 U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military, (54) and 5 U.L. for commercial (74)
b. Temperature Ranges.
c. The Q0 Outputs are guaranteed to drive the full fan-out plus the CP1 input of the device.
d. To insure proper operation the rise (tr) and fall time (tf) of the clock must be less than 100 ns.
SN54/74LS90
SN54/74LS92
SN54/74LS93
DECADE COUNTER;
DIVIDE-BY-TWELVE COUNTER;
4-BIT BINARY COUNTER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02
LOGIC SYMBOL
12
2
VCC = PIN 5
GND = PIN 10
NC = PINS 4, 13
VCC = PIN 5
GND = PIN 10
NC = PINS 2, 3, 4, 13
VCC = PIN 5
GND = PIN 10
NC = PIN 4, 6, 7, 13
LS90
LS92
LS93
67
12
14
1
12
23
MS
CP0
CP1
MR Q0 Q1 Q2 Q3
12 9 8 11
6 7
14
1
1
CP0
CP1
MR Q0 Q1 Q2 Q3
12
9 8
11
14
1
23
CP0
CP1
MR Q0 Q1 Q2 Q3
12 9 8 11


Similar Part No. - SN74LS90D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS90D MOTOROLA-SN74LS90D Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Texas Instruments
SN74LS90D TI-SN74LS90D Datasheet
414Kb / 14P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN74LS90D TI-SN74LS90D Datasheet
944Kb / 23P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN74LS90D TI1-SN74LS90D Datasheet
1Mb / 24P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN74LS90D TI1-SN74LS90D Datasheet
1Mb / 25P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
More results

Similar Description - SN74LS90D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
SN54LS290 MOTOROLA-SN54LS290 Datasheet
205Kb / 7P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS290 ONSEMI-SN54-74LS290 Datasheet
74Kb / 5P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
Texas Instruments
74LS92 TI-74LS92 Datasheet
278Kb / 3P
[Old version datasheet]   DIVIDE-BY-TWELVE COUNTER
logo
National Semiconductor ...
7492A NSC-7492A Datasheet
256Kb / 3P
   DIVIDE-BY-TWELVE COUNTER
logo
Fairchild Semiconductor
MM74C90 FAIRCHILD-MM74C90_02 Datasheet
67Kb / 7P
   4-Bit Decade Counter ??4-Bit Binary Counter
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
   BCD DECADE COUNTER/4-BIT BINARY COUNTER
logo
National Semiconductor ...
MM54C90 NSC-MM54C90 Datasheet
124Kb / 6P
   4-Bit Decade, Binary Counter
logo
STMicroelectronics
M54HC4518 STMICROELECTRONICS-M54HC4518 Datasheet
270Kb / 13P
   HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com