Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC59LM814CFT Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC59LM814CFT
Description  4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM814CFT Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC59LM814CFT Datasheet HTML 5Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 6Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 7Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 8Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 9Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 10Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 11Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 12Page - Toshiba Semiconductor TC59LM814CFT Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TC59LM814/06CFT-50,-55,-60
2002-08-19
9/38
AC TEST CONDITIONS
SYMBOL
PARAMETER
VALUE
UNIT
NOTES
VIH (min)
Input High Voltage (minimum)
VREF + 0.35
V
VIL (max)
Input Low Voltage (maximum)
VREF − 0.35
V
VREF
Input Reference Voltage
VDDQ/2
V
VTT
Termination Voltage
VREF
V
VSWING
Input Signal Peak to Peak Swing
1.0
V
Vr
Differential Clock Input Reference Level
VX (AC)
V
VID (AC)
Input Differential Voltage
1.5
V
SLEW
Input Signal Minimum Slew Rate
1.0
V/ns
VOTR
Output Timing Measurement Reference Voltage
VDDQ/2
V
Note:
(1)
Transition times are measured between VIH min (DC) and VIL max (DC).
Transition (rise and fall) of input signals have a fixed slope.
(2)
If the result of nominal calculation with regard to tCK contains more than one decimal place, the result is
rounded up to the nearest decimal place.
(i.e., tDQSS = 0.75 × tCK, tCK = 5 ns, 0.75 × 5 ns = 3.75 ns is rounded up to 3.8 ns.)
(3)
There parameters are measured from the differential clock (CLK and CLK ) AC cross point.
(4)
These parameters are measured from signal transition point of DQS crossing VREF level.
(5)
Te tREFI (max) applies to equally distributed refresh method.
The tREFI (min) applies to both burst refresh method and distribted refresh method.
In such case, the average interval of eight consecutive Auto-Refresh commands has to be more than 400 ns
always. In other words, the number of Auto-Refresh cycles which can be performed within 3.2 µs (8 × 400 ns)
is to 8 times in the maximum.
(6)
Low Impedance State is specified at VDDQ/2 ± 0.2 V from steady state.
(7)
High Impedance State is specified where output buffer is no longer driven.
(8)
These parameters depend on the clock jitter. These parameters are measured at stable clock.
Z
= 50 Ω
AC Test Load
Output
VTT
CL = 30 pF
RT = 50 Ω
Measurement point
SLEW
= (VIH min (AC) − VIL max (AC))/∆T
Output
VIH min (AC)
∆T
VREF
VIL max (AC)
VSWING
∆T
VSS
VDDQ
VREF


Similar Part No. - TC59LM814CFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-40 TOSHIBA-TC59LM818DMG-40 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Similar Description - TC59LM814CFT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89363AF SAMSUNG-K4C89363AF Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com