Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58021UMITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58021UMITR
Description  4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58021UMITR Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY58021UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58021UMITR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Precision Edge®
SY58021U
Micrel, Inc.
M9999-062405
hbwhelp@micrel.com or (408) 955-1690
Part Number
Function
Data Sheet Link
SY58020U
6GHz, 1:4 CML Fanout Buffer/Translator
http://www.micrel.com/product-info/products/sy58020u.shtml
Internal I/O Termnations
SY58021U
4GHz, 1:4 LVPECL Fanout Buffer/Translator
http://www.micrel.com/product-info/products/sy58021u.shtml
with Internal Termination
SY58022U
5.5GHz, 1:4 Fanout Buffer/Translator
http://www.micrel.com/product-info/products/sy58022u.shtml
w/400mV LVPECL Outputs and Internal Terminations
16-MLF™ Manufacturing Guidelines
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
Exposed Pad Application Note
M-0317
HBW Solutions
http://www.micrel.com/product-info/as/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
R2
82
R2
82
*Note. For +2.5V systems,
R1 = 250
Ω, R2 = 62.5Ω
ZO = 50Ω
ZO = 50Ω
+3.3V*
+3.3V*
VT = VCC —2V
R1
130
R1
130
+3.3V*
SY58021U
Figure 4. Parallel Termination-Thevenin Equivalent
LVPECL OUTPUT
Z = 50
Z = 50
50
50
50
+3.3V
+3.3V
“source”
“destination”
Rb*
C1 (optional)
0.01
µF
* For +2.5V, Rb = 19Ω
* For +3.3V, Rb = 46Ω to 50Ω
Notes:
1. Power saving alternative to Thevenin termination.
2. Place termination resistors as close to destination inputs as possible.
3. Rb resistor sets the DC bias voltage, equal to VT.
SY58021U
VDD
Figure 5. Parallel Termination (3-Resistor)
LVPECL output have very low output impedance (open
emitter), and small signal swing which results in low EMI.
LVPECL is ideal for driving 50
Ω and 100Ω controlled
impedance transmission lines. There are several techniques
in terminating the LVPECL output, as shown in Figures 4
through 6.
R2
82
R2
82
*Note:
For +2.5V systems,
R1 = 250
Ω, R2 = 62.5Ω
ZO = 50Ω
ZO = 50Ω
+3.3V*
+3.3V*
VT = VCC —2V
R1
130
R1
130
+3.3V*
SY58021U
Figure 6. Terminating Unused I/O


Similar Part No. - SY58021UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021UMITR MICREL-SY58021UMITR Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMITR MICREL-SY58021UMITR Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021UMITR MICREL-SY58021UMITR Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
More results

Similar Description - SY58021UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com