Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS5PF20V Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS5PF20V
Description  P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS5PF20V Datasheet(HTML) 7 Page - STMicroelectronics

  STS5PF20V Datasheet HTML 1Page - STMicroelectronics STS5PF20V Datasheet HTML 2Page - STMicroelectronics STS5PF20V Datasheet HTML 3Page - STMicroelectronics STS5PF20V Datasheet HTML 4Page - STMicroelectronics STS5PF20V Datasheet HTML 5Page - STMicroelectronics STS5PF20V Datasheet HTML 6Page - STMicroelectronics STS5PF20V Datasheet HTML 7Page - STMicroelectronics STS5PF20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
STS5PF20V
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M0.6
0.023
S8 (max.)
0016023
SO-8 MECHANICAL DATA


Similar Part No. - STS5PF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
   P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS5PF30L DOINGTER-STS5PF30L Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
More results

Similar Description - STS5PF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN5PF02V STMICROELECTRONICS-STN5PF02V Datasheet
195Kb / 12P
   P-channel 20V - 0.065??- 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
   P-CHANNEL 20V - 0.045??- 5A SO-8 STripFET??II MOSFET
September 2004 Rev. 2
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
   N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
STT5PF20V STMICROELECTRONICS-STT5PF20V Datasheet
231Kb / 8P
   P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET
STS4NF100 STMICROELECTRONICS-STS4NF100 Datasheet
274Kb / 8P
   N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET??II POWER MOSFET
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
   P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
   DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
   P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET??II MOSFET PLUS SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com