Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2240T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MUN2240T1
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2240T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MUN2240T1 Datasheet HTML 4Page - ON Semiconductor MUN2240T1 Datasheet HTML 5Page - ON Semiconductor MUN2240T1 Datasheet HTML 6Page - ON Semiconductor MUN2240T1 Datasheet HTML 7Page - ON Semiconductor MUN2240T1 Datasheet HTML 8Page - ON Semiconductor MUN2240T1 Datasheet HTML 9Page - ON Semiconductor MUN2240T1 Datasheet HTML 10Page - ON Semiconductor MUN2240T1 Datasheet HTML 11Page - ON Semiconductor MUN2240T1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MUN2211T1 Series
http://onsemi.com
11
TYPICAL APPLICATIONS FOR NPN BRTs
LOAD
+12 V
Figure 32. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
IN
OUT
VCC
ISOLATED
LOAD
FROM mP OR
OTHER LOGIC
+12 V
Figure 33. Open Collector Inverter:
Inverts the Input Signal
Figure 34. Inexpensive, Unregulated Current Source


Similar Part No. - MUN2240T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2240T1 LRC-MUN2240T1 Datasheet
160Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN2240T1G ONSEMI-MUN2240T1G Datasheet
107Kb / 6P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
August, 2012 ??Rev. 0
MUN2240T1G ONSEMI-MUN2240T1G Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 47k R2 = k
February, 2014 ??Rev. 3
MUN2240T1G ONSEMI-MUN2240T1G Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - MUN2240T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com