Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP57DTR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP57DTR2
Description  3.3V / 5V ECL 4:1 Differential Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP57DTR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP57DTR2 Datasheet HTML 1Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 2Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 3Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 4Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 5Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 6Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 7Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 8Page - ON Semiconductor MC100EP57DTR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10EP57, MC100EP57
http://onsemi.com
2
Figure 1. 20−Lead Package (Top View) and Logic Diagram
D1
D1
D2
D0
17
18
16
15
14
13
12
4
3
567
8
9
SEL0
11
10
VCC
Q
VCC
VBB1
VBB2
VEE
D0
19
20
2
1
VCC
SEL1
D2
VCC
D3
VEE
D3
4:1
Q
Table 1. PIN DESCRIPTION
PIN
D0−3*, D0−3*
SEL0*, 1*
ECL MUX Select Inputs
FUNCTION
ECL Diff. Data Inputs
VBB1, VBB2
Q, Q
ECL Data Outputs
ECL Reference Output Voltage
VCC
VEE
Negative Supply
Positive Supply
D0, D0
D1, D1
D2, D2
D3, D3
L
L
H
H
L
H
L
H
Table 2. FUNCTION TABLE
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
* Pins will default LOW when left open.
DATA OUT
SEL1
SEL0
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 100 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
584 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC100EP57DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP57DTR2 ONSEMI-MC100EP57DTR2 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EP57DTR2G ONSEMI-MC100EP57DTR2G Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EP57DTR2G ONSEMI-MC100EP57DTR2G Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
More results

Similar Description - MC100EP57DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com