Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-D401-F00XX Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HLMP-D401-F00XX
Description  T-1 3/4 (5 mm) Diffused LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-D401-F00XX Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-D401-F00XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-D401-F00XX Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
T-13/4 Green/Emerald Green Diffused Lamps
Figure 15. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 16. Relative Luminous Intensity vs. Angular Displacement.
I
– PEAK CURRENT PER LED – mA
PEAK
1.7
1.5
1.4
1.3
0.7
10
30
50
1.6
020
40
1.2
1.1
1.0
0.9
0.8
60
70
80
90 100
EMERALD GREEN
GREEN
Figure 12. Forward Current vs.
Forward Voltage Characteristics.
Figure 13. Relative Luminous
Intensity vs. DC Forward Current.
Figure 14. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak LED Current.


Similar Part No. - HLMP-D401-F00XX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-D401-EF0XX BOARDCOM-HLMP-D401-EF0XX Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-D401-F00XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com