Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-NH04 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-NH04
Description  High Intensity AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-NH04 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-NH04 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-NH04 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-NH04 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-NH04 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-NH04 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-NH04 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-NH04 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Figure 7. Representative Spatial Radiation Pattern for 30
°
Viewing Angle T-1 3/4 (5 mm) Lamps (HLMP-WX27).
Figure 8. Representative Spatial Radiation
Pattern for 65
° Viewing Angle Tinted/Diffused
T-1 3/4 (5 mm) Lamps (HLMP-WX02).
Figure 6. Representative Spatial Radiation Pattern for 15
°
Viewing Angle T-1 3/4 (5 mm) Lamps (HLMP-WX12).
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
-80
-60
0.1
0.3
0.4
-40
0
20
40
60
80
100
0.9
-100
-20
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
-20
-15
0.1
0.3
0.4
-10
0
5
10
15
20
25
0.9
-25
-5
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
-20
-15
0.1
0.3
0.4
-10
0
5
10
15
20
25
0.9
-25
-5


Similar Part No. - HLMP-NH04

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-N305 AVAGO-HLMP-N305 Datasheet
263Kb / 11P
   High brightness light output
HLMP-NG05 AVAGO-HLMP-NG05 Datasheet
263Kb / 11P
   High brightness light output
HLMP-NG07 AVAGO-HLMP-NG07 Datasheet
263Kb / 11P
   High brightness light output
HLMP-NG0x AVAGO-HLMP-NG0x Datasheet
263Kb / 11P
   High brightness light output
HLMP-NL06 AVAGO-HLMP-NL06 Datasheet
263Kb / 11P
   High brightness light output
More results

Similar Description - HLMP-NH04

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-324UOL UOT-MVL-324UOL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
logo
List of Unclassifed Man...
LVX3333 ETC1-LVX3333 Datasheet
164Kb / 1P
   5.0mm HIGH INTENSITY LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com