Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB24U12-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SB24U12-12
Description  1 and 2 Watt SB Series DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SB24U12-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SB24U12-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB24U12-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SB24U12-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SB24U12-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ReliabilityIncorporated Product Data Sheet
1 and 2 Watt SB Series
DC/DC Converters
Key Features
• Standard SIP Package
• High Density / Compact size
• Efficiencies up to 80%
• Thru Hole mounting
• 1000 VDC input/output isolation
• No derating to 71°C Operating Temperature
Applications
• Distributed Power Systems
• Data-communications Equipment
• Telecommunications Equipment
• Computer Systems
• Industrial Control Systems
The "SB" Series of DC/DC converters feature 1 to 2 Watts of isolated power combining compact size and high
efficiency. The small size of this 7 pin SIP package saves valuable board space in new product design. With
single or dual outputs, the SB series is ideal for a variety of demanding requirements such as those found in
the data-com/telecom, industrial control, computing, transportation, or office automation industries.
The size and pin out conform to internationally recognized packaging that is an industry standard. Operating
from a nominal 5, 12, 24 or 48 VDC input source, this PCB mountable, low profile miniature converter provides
single or dual unregulated, isolated outputs varying from 5 to 15VDC. It is designed to meet or exceed a
variety of safety and emissions requirements including CE (LVD), EN 55022 “Class A”, and UL 1950.
Reliability Incorporated also provides custom designed DC/DC Converters to meet customer specifications.
Reliability Incorporated is based in Houston, Texas, USA and is a leading provider of semiconductor
processing equipment and DC/DC converters. Corporate headquarters, located in Houston, TX, USA. DC/DC
converters are manufactured in Costa Rica.
General Electrical Specifications
(Specifications at Nominal Input and 25 C, nominal input voltage and rated output current unless otherwise noted.)
Parameter
Limits
Conditions
Output Voltage Accuracy
See selection guide column 4.
Nominal Line, Full Load
Input / Output Isolation
1000VDC
For 60 seconds, 1500VDC SB24U20 only
Minimum Load
10% of Full Load
Output Ripple & Noise
<100 mV Peak to Peak (max)
20 MHz Bandwidth
Load Regulation
7% typical (varies by model, consult
factory for details)
10% to 100% of Full Load, Nominal Line
Line Regulation
1.2% output change per 1% input
voltage change (max.)
Full Load
Efficiency
75% typical
Nominal Line
Operating Temperature
-25
° C to +85° C
Ambient Temperature
Storage Temperature
-55
° C to 125° C
Ambient Temperature
Temperature Coefficient
± 0.02%/°C
Output VDC
Short Circuit Protection
Intermittent (<2 sec)
Self Recovering
CE
LVD
EMC / RFI
Input Capacitor
SB Series.doc 5/21/2004


Similar Part No. - SB24U12-12

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB24 GULFSEMI-SB24 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB24 GULFSEMI-SB24 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
SB24-A GULFSEMI-SB24-A Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
Diotec Semiconductor
SB240 DIOTEC-SB240 Datasheet
110Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Nantong Hornby Electron...
SB240 HORNBY-SB240 Datasheet
257Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB24U12-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5R5 ETC1-S5R5 Datasheet
372Kb / 3P
   1 AND 2 WATT DC/DC CONVERTERS
logo
Intronics Power, Inc.
DC200 INTRONICS-DC200 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
   750 WATT 2:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com