Electronic Components Datasheet Search |
|
V48A5E300BL Datasheet(PDF) 7 Page - Vicor Corporation |
|
V48A5E300BL Datasheet(HTML) 7 Page - Vicor Corporation |
7 / 8 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FasTrak Mini E-Grade Family Rev. 1.0 Page 7 of 8 Set your site on VICOR at www.vicorpower.com 5 6 7 4 3 2 1 (REF) 0.080 2,03 DIA. (7X) 0.21 5,2 0.27 6,9 (2X) 1.04 26,4 1.45 36,8 0.275 6,99 0.800 20,32 0.525 13,34 0.400 10,16 0.12* 3,1 0.20** 5,08 FULL R (6X) 0.15 3,81 CHAMFER (REF.) (6X) 0.65 16,5 0.49 12,4 1.30 33,0 2.28 57,9 1.45 36,8 0.13 3,3 0.06 1,5 R (3X) 0.01 X 45˚ Use a 4-40 Screw (6x) Torque to: 5 in-lbs 0.57 N-m 0.54 13,7 0.43 10,9 Long Pin 0.62 15,7 Short Pin (7X) (7X) Slotted (Style 1) or Threaded (Style 2) 4-40 UNC-2B (6X) or Thru Hole (Style 3) #30 Drill Thru (6X) (0.1285) ALUMINUM BASEPLATE 12,7 ±0,5 0.50 ±0.02 * Style 1 baseplate only ** Style 2 & 3 baseplates *** Reserved for Vicor accessories. Not for mounting Center line style 2 & 3 baseplates only (4X)*** 0.490 ±.015 12,45 ±0,38 (REF) 2.000 50,80 0.235 ±.015 5,97 ±0,38 (REF) 0.350 ±.015 8,89 ±0,38 (REF) 1.27 32,3 0.09 2,3 Pin CL Pin CL CL MECHANICAL DRAWINGS 23 6 1 7 4 5 PLATED THRU HOLE DIA ±0,08 *DENOTES TOL = ±0.003 0.133 3,38 1.734** 44,04 .400* 10,16 1.140** 28,96 0.170* 4,32 0.800* 20,32 0.525* 13,34 0.275* 6,99 2.000* 50,80 0.06 1,5 R (4X) INBOARD SOLDER MOUNT SHORT PIN STYLE 0.094 ±0.003 2,39 ±0,08 0.43 10,9 (7X) **PCB WINDOW PCB THICKNESS 0.062 ±0.010 1,57 ±0,25 0.53 13,5 ONBOARD SOLDER MOUNT LONG PIN STYLE 0.094 ±0.003 2,39 ±0,08 Unless otherwise specified, dimensions are in inches mm Decimals Tol. Angles 0.XX ±0.01 ±0.25 ±1° 0.XXX ±0.005 ±0.127 PCB MOUNTING SPECIFICATIONS PINS STYLES SOLDER:TIN/LEAD HOT SOLDER DIPPED MODUMATE: GOLD PLATED COPPER ALUMINUM BASEPLATE ALL MARKINGS THIS SURFACE MODULE OUTLINE Converter Pins No. Function Label 1 +In + 2 Primary PC Control 3 Parallel PR 4 –In – 5 –Out – 6 Secondary SC Control 7+Out + |
Similar Part No. - V48A5E300BL |
|
Similar Description - V48A5E300BL |