Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7400 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. 7400
Description  Quad 2-Input NAND Gate 
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 2 page
background image
SN74LS00
http://onsemi.com
2
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
Out ut LOW Voltage
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
In ut HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
–20
–100
mA
VCC = MAX
Power Supply Current
ICC
Total, Output HIGH
1.6
mA
VCC = MAX
Total, Output LOW
4.4
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
Turn–Off Delay, Input to Output
9.0
15
ns
VCC = 5.0 V
tPHL
Turn–On Delay, Input to Output
10
15
ns
CC
CL = 15 pF




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
MC74LCX00LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreON Semiconductor
74LVQ00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
M74HCT00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTexas Instruments
74AC00Quad 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
DM74S00Quad 2-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
HCS00MSRadiation Hardened Quad 2-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
CD54HC132High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl