Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7400 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 7400
Description  Quad 2-Input NAND Gate 
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS00/D
SN74LS00
Quad 2-Input NAND Gate
ESD > 3500 Volts
14
13
12
11
10
9
123
456
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS00N
14 Pin DIP
2000 Units/Box
SN74LS00D
14 Pin
SOIC
D SUFFIX
CASE 751A
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 646
14
1
14
1




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
MC74LCX00LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreON Semiconductor
74LVQ00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
M74HCT00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTI store
74AC00Quad 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
DM74S00Quad 2-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
HCS00MSRadiation Hardened Quad 2-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
CD54HC132High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTI store

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl