Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7660PD Datasheet(PDF) 1 Page - NEC

Part # NDL7660PD
Description  1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7660PD Datasheet(HTML) 1 Page - NEC

  NDL7660PD Datasheet HTML 1Page - NEC NDL7660PD Datasheet HTML 2Page - NEC NDL7660PD Datasheet HTML 3Page - NEC NDL7660PD Datasheet HTML 4Page - NEC NDL7660PD Datasheet HTML 5Page - NEC NDL7660PD Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LASER DIODE
NDL7660P
1 310 nm OPTICAL CATV/ANALOG APPLICATIONS
InGaAsP MQW-DFB LASER DIODE MODULE
1993
©
Document No. P11635EJ3V0DS00 (3rd edition)
(Previous No. LC-2308)
Date Published June 1996 P
Printed in Japan
DATA SHEET
DESCRIPTION
NDL7660P is a 1 310 nm DFB (Distributed Feed-Back) laser diode, that has a newly developed Multiple Quantum
Well (MQW) structure, butterfly package module with optical isolator. It is especially designed for a 6 mW light
source of CATV analog applications.
FEATURES
• Low noise
RIN =
ð155 dB/Hz
• Low distortion
CSO =
ð60 dBc
CTB =
ð65 dBc
• High output power
Pf = 6.0 mW MIN.
• Long wavelength
Op = 1 310 nm
• High isolation
40 dB
• Internal InGaAs monitor PD
• Internal thermoelectric cooler
• Hermetically sealed 14 pin butterfly package
• Singlemode fiber pigtail
• Wide operating temperature range
• High reliability
ORDERING INFORMATION
Part Number
Available Connector
NDL7660P
Without Connector
NDL7660PC
With FC-UPC Connector
NDL7660PD
With SC-UPC Connector
Optical Fiber
SM-9/125,
Length = 2 m
20.83 ±0.13
26.04 ±0.13
14
8
1
7
15.24
2.54
0.51
15.0
4 - 2.67
29.97 ±0.13
PIN No.
FUNCTION
PIN No.
FUNCTION
1
2
3
4
5
6
7
COOLER ANODE
THERMISTOR
PD ANODE
PD CATHODE
CASE GROUND
NC
NC
8
9
10
11
12
13
14
NC
NC
CASE GROUND
LD CATHODE
NC
LD ANODE,
CASE GROUND
COOLER CATHODE
PD
LD
#1
#7
#8
#14
+
PIN CONNECTIONS
PACKAGE DIMENSIONS
in millimeters
TOP VIEW
φ


Similar Part No. - NDL7660PD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NDL7660PD RENESAS-NDL7660PD Datasheet
200Kb / 8P
   LASER DIODE
1993
More results

Similar Description - NDL7660PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7672P NEC-NDL7672P Datasheet
50Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NDL7605P NEC-NDL7605P Datasheet
76Kb / 12P
   1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com