Electronic Components Datasheet Search |
|
HD6432345TE Datasheet(PDF) 6 Page - Hitachi Semiconductor |
|
HD6432345TE Datasheet(HTML) 6 Page - Hitachi Semiconductor |
6 / 907 page Preface The H8S/2345 Series is a series of high-performance microcontrollers with a 32-bit H8S/2000 CPU core, and a set of on-chip supporting functions required for system configuration. The H8S/2000 CPU can execute basic instructions in one state, and is provided with sixteen 16-bit general registers with a 32-bit internal configuration, and a concise and optimized instruction set. The CPU can handle a 16 Mbyte linear address space (architecturally 4 Gbytes). Programs based on the high-level language C can also be run efficiently. The address space is divided into eight areas. The data bus width and access states can be selected for each of these areas, and various kinds of memory can be connected fast and easily. On-chip memory consists of large-capacity ROM and RAM. With regard to on-chip ROM* 1, single power supply flash memory (F-ZTAT™* 2), PROM (ZTAT™*2), and mask ROM versions are available, providing a quick and flexible response to conditions from ramp-up through full- scale volume production, even for applications with frequently changing specifications. On-chip supporting functions include a 16-bit timer pulse unit (TPU), 8-bit timers, watchdog timer (WDT), serial communication interface (SCI), A/D converter, D/A converter, and I/O ports. An on-chip data transfer controller (DTC) is also provided, enabling high-speed data transfer without CPU intervention. Use of the H8S/2345 Series enables compact, high-performance systems to be implemented easily. This manual describes the hardware of the H8S/2345 Series. Refer to the H8S/2600 Series and H8S/2000 Series Programming Manual for a detailed description of the instruction set. Notes: 1. The H8S/2345, H8S/2344, H8S/2343, and H8S/2341 have on-chip ROM. The H8S/2340 does not have on-chip ROM. 2. F-ZTAT (Flexible-ZTAT) is a trademark of Hitachi, Ltd. ZTAT is a trademark of Hitachi, Ltd. |
Similar Part No. - HD6432345TE |
|
Similar Description - HD6432345TE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |