Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5237T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUN5237T1
Description  NPN SILICON BIAS RESISTOR TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5237T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MUN5237T1 Datasheet HTML 1Page - ON Semiconductor MUN5237T1 Datasheet HTML 2Page - ON Semiconductor MUN5237T1 Datasheet HTML 3Page - ON Semiconductor MUN5237T1 Datasheet HTML 4Page - ON Semiconductor MUN5237T1 Datasheet HTML 5Page - ON Semiconductor MUN5237T1 Datasheet HTML 6Page - ON Semiconductor MUN5237T1 Datasheet HTML 7Page - ON Semiconductor MUN5237T1 Datasheet HTML 8Page - ON Semiconductor MUN5237T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MUN5211T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
MUN5211T1
(VEB = 6.0 V, IC = 0)
MUN5212T1
MUN5213T1
MUN5214T1
MUN5215T1
MUN5216T1
MUN5230T1
MUN5231T1
MUN5232T1
MUN5233T1
MUN5234T1
MUN5235T1
MUN5236T1
MUN5237T1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 4)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
MUN5211T1
(VCE = 10 V, IC = 5.0 mA)
MUN5212T1
MUN5213T1
MUN5214T1
MUN5215T1
MUN5216T1
MUN5230T1
MUN5231T1
MUN5232T1
MUN5233T1
MUN5234T1
MUN5235T1
MUN5236T1
MUN5237T1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
MUN5230T1/MUN5231T1
(IC = 10 mA, IB = 1 mA)
MUN5215T1/MUN5216T1/
MUN5232T1/MUN5233T1/MUN5234T1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
MUN5211T1
MUN5212T1
MUN5214T1
MUN5215T1
MUN5216T1
MUN5230T1
MUN5231T1
MUN5232T1
MUN5233T1
MUN5234T1
MUN5235T1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
MUN5213T1
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
MUN5236T1
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
MUN5237T1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%


Similar Part No. - MUN5237T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5237T1 ONSEMI-MUN5237T1 Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5237T1G ONSEMI-MUN5237T1G Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5237T1G ONSEMI-MUN5237T1G Datasheet
137Kb / 11P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
August, 2012 ??Rev. 0
MUN5237T1G ONSEMI-MUN5237T1G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
March, 2014 ??Rev. 3
MUN5237T1G ONSEMI-MUN5237T1G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MUN5237T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5211T1 MOTOROLA-MUN5211T1 Datasheet
230Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
logo
ON Semiconductor
DTC114EET1 ONSEMI-DTC114EET1 Datasheet
187Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
May, 2000 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com