Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GJ231MF50J226ZD01 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GJ231MF50J226ZD01
Description  Chip Monolithic Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJ231MF50J226ZD01 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GJ231MF50J226ZD01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GJ231MF50J226ZD01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GJ231MF50J226ZD01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GJ231MF50J226ZD01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GJ231MF50J226ZD01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GJ231MF50J226ZD01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
C02E8.pdf 01.7.26
Specifications and Test Methods
No.
Item
Specification
Test Method
See the previous pages.
F5 :
Y30°C to 85°C
Operating
Temperature Range
Rated Voltage
1
2
The rated voltage is defined as the maximum voltage which
may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, shall be maintained within the rated voltage
range.
No defects or abnormalities.
Appearance
3
Visual inspection.
Within the specified dimension.
Dimensions
4
Using calipers.
No defects or abnormalities.
Dielectric Strength
5
No failure shall be observed when 250% of the rated voltage is
applied between the both terminations for 1 to 5 seconds, pro-
vided the charge/discharge current is less than 50mA.
More than 10,000M
Ω or 500Ω · F.
(Whichever is smaller)
Insulation
Resistance
6
The insulation resistance shall be measured with a DC voltage
not exceeding the rated voltage at normal temperature and
humidity and within 2 minutes* of charging.
*5minutes for c>47µF.
Within the specified tolerance.
Capacitance
7
The capacitance/D.F. shall be measured at 25°C at the fre-
quency and voltage shown in the table.
0.07 max. (50/100V)
0.09 max. (10/16/25V)
0.15 max. (6.3V)
Dissipation Factor
(D.F.)
8
Capacitance
Temperature
Characteristics
9
The capacitance change shall be measured after 5 min. at
each specified temperature stage.
The ranges of capacitance change compared to 25°C with the
temperature ranges shown in the table shall be within the spec-
ified ranges.
No removal of the terminations or other defects shall occur.
Adhesive Strength
of Termination
10
Solder the capacitor on the testing jig (glass epoxy board)
shown in Fig.1 using a eutectic solder. Then apply 5N force in
parallel with the test jig for 10±1 sec. The soldering shall be
done either with an iron or using the reflow method and shall be
conducted with care so that the soldering is uniform and free of
defect such as heat shock.
Char.
F5
-30 to +85°C
Temp.
Range
25°C
Reference
Temp.
Within
+22
-82%
Cap. Change
Rate
Type
GJ218
GJ221
GJ231
GJ232
GJ243
1.0
1.2
2.2
2.2
3.5
a
3.0
4.0
5.0
5.0
7.0
b
1.2
1.65
2.0
2.9
3.7
c
Vibration
Resistance
11
Solder the capacitor on the testing jig (glass epoxy board) in
the same manner and under the same conditions as (10).
The capacitor shall be subjected to simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, shall be
traversed in approximately 1 minute. This motion shall be
applied for a period of 2 hours in each 3 mutually perpendicular
directions (total of 6 hours).
a
b
c
Baked electrode or
copper foil
Solder resist
Fig.1
Capacitance
C
V10µF
C
G10µF
1±0.1kHz
120±24Hz
Frequency
1±0.2Vrms
0.5±0.1Vrms
Voltage
Continued on the following page.
(in mm)
Item
Appearance
Capacitance Change
I.
D.F.
Dielectric Strength
No defects or abnormalities.
Within the specified tolerance.
50, 100V
10, 16, 25V
6.3V
0.07 max.
0.09 max.
0.15 max.
No failure
Frequency
Specifications and Test Methods
31
6


Similar Part No. - GJ231MF50J226ZD01

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ20N03 GTM-GJ20N03 Datasheet
241Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20P02 GTM-GJ20P02 Datasheet
247Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20T03 GTM-GJ20T03 Datasheet
249Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GJ2137 ETL-GJ2137 Datasheet
403Kb / 5P
   7 5 0 m A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results

Similar Description - GJ231MF50J226ZD01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com