Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C374I-66JI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C374I-66JI
Description  UltraLogic 128-Macrocell Flash CPLD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C374I-66JI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C374I-66JI Datasheet HTML 4Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 5Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 6Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 7Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 8Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 9Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 10Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 11Page - Cypress Semiconductor CY7C374I-66JI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY7C374i
8
Reset/Preset Parameters
tRW
Asynchronous Reset Width[9]
10
12
15
20
ns
tRR
Asynchronous Reset Recovery Time[9]
12
14
17
22
ns
tRO
Asynchronous Reset to Output[1]
16
18
21
26
ns
tPW
Asynchronous Preset Width[9]
10
12
15
20
ns
tPR
Asynchronous Preset Recovery Time[9]
12
14
17
22
ns
tPO
Asynchronous Preset to Output[1]
16
18
21
26
ns
Tap Controller Parameter
fTAP
Tap Controller Frequency
500
500
500
500
kHz
3.3V I/O Mode Parameters
t3.3IO
3.3V I/O mode timing adder
1
1
1
1
ns
Switching Characteristics Over the Operating Range[14] (continued)
7C374i–125
7C374i–100
7C374i–83
7C374i–66
7C374iL–66
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Switching Waveforms
Combinatorial Output
tPD
7C374i-7
INPUT
COMBINATORIAL
OUTPUT
Registered Output
tS
7C374i-8
INPUT
CLOCK
tCO
REGISTERED
OUTPUT
tH
CLOCK
tWL
tWH
Latched Output
tS
7C374i-9
INPUT
LATCH ENABLE
tCO
LATCHED
OUTPUT
tH
tPDL


Similar Part No. - CY7C374I-66JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I-66JI CYPRESS-CY7C374I-66JI Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
More results

Similar Description - CY7C374I-66JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
   Lowest power 128 macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com