Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6412340 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD6412340
Description  H8S/2345 F-ZTAT Hardware Manual
Download  907 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD6412340 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD6412340 Datasheet HTML 1Page - Hitachi Semiconductor HD6412340 Datasheet HTML 2Page - Hitachi Semiconductor HD6412340 Datasheet HTML 3Page - Hitachi Semiconductor HD6412340 Datasheet HTML 4Page - Hitachi Semiconductor HD6412340 Datasheet HTML 5Page - Hitachi Semiconductor HD6412340 Datasheet HTML 6Page - Hitachi Semiconductor HD6412340 Datasheet HTML 7Page - Hitachi Semiconductor HD6412340 Datasheet HTML 8Page - Hitachi Semiconductor HD6412340 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 907 page
background image
Main Amendments and Additions in this Edition
Page
Item
Revision
Throughout • H8S/2344, H8S/2341, and H8S/2340 added; F-ZTAT version of current H8S/2345
added. Generic name adopted: H8S/2345 Series, H8S/2345 F-ZTAT Hardware
Manual.
• Notes added where necessary indicating that the H8S/2340 is a ROMless version,
and only supports MCU operating modes 1, 4, and 5.
• Notes added where necessary indicating that the H8S/2345 F-ZTAT version only
supports MCU operating modes 4 to 7, 10, 11, 14, and 15 (and that modes 1 to 3
(normal modes) cannot be used).
• Notes added where necessary indicating that the FWE pin applies only to the F-
ZTAT version, and that this pin is
WDTOVF in the ZTAT, mask ROM, and ROMless
versions.
• Notes added where necessary indicating that the TFP-100G package is under
development.
1 to 5
1.1 Overview
Amended (Information on newly added
products)
9 to 13
Table 1.2 Pin Functions in Each
Operating Mode
Amended
• PROM mode pin names partially
changed
• Flash memory mode pin names added
14 to 20
Table 1.3 Pin Functions
Amended
• Addition of F-ZTAT version operating
mode settings by pins MD2-MD0
• FWE pin description added
69 to 72
3.1 Overview
Amended (Description of F-ZTAT and
ROMless versions added)
74
System Control Register 2 (SYSCR2) (F-
ZTAT Version Only)
New
76
3.3.7 Mode 7
Note 2 amended
76, 77
3.3.8 Mode 8 to 3.3.13 Mode 15
New
78
Table 3.3 Pin Functions in Each Mode
Amended (Mode 10, 11, 14, and 15 pin
descriptions added)
79 to 90
3.5 Memory Map in Each Operating Mode Amended (Information on newly added
products)
107
Table 5.3 Correspondence between
Interrupt Sources and IPR Settings
Note amended
141
6.2.5 Bus Control Register L (BCRL)
Description of bit 5 amended


Similar Part No. - HD6412340

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6412320 RENESAS-HD6412320 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
HD6412320 RENESAS-HD6412320 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD6412320 RENESAS-HD6412320 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
HD6412320 RENESAS-HD6412320 Datasheet
7Mb / 1304P
   Old Company Name in Catalogs and Other Documents
HD6412320 RENESAS-HD6412320 Datasheet
7Mb / 1304P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - HD6412340

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
   HARDWARE MANUAL
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
   Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
   Hardware Manual
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
   Hardware Manual
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
   Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
   Hardware Reference Manual
logo
TRINAMIC Motion Control...
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
   TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com