Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5235T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN5235T1
Description  NPN SILICON BIAS RESISTOR TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5235T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MUN5235T1 Datasheet HTML 1Page - ON Semiconductor MUN5235T1 Datasheet HTML 2Page - ON Semiconductor MUN5235T1 Datasheet HTML 3Page - ON Semiconductor MUN5235T1 Datasheet HTML 4Page - ON Semiconductor MUN5235T1 Datasheet HTML 5Page - ON Semiconductor MUN5235T1 Datasheet HTML 6Page - ON Semiconductor MUN5235T1 Datasheet HTML 7Page - ON Semiconductor MUN5235T1 Datasheet HTML 8Page - ON Semiconductor MUN5235T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 Semiconductor Components Industries, LLC, 2004
November, 2004 − Rev. 6
1
Publication Order Number:
MUN5211T1/D
MUN5211T1 Series
Preferred Devices
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base−emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the
SC−70/SOT−323 package which is designed for low power
surface mount applications.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
The SC−70/SOT−323 package can be soldered using wave or reflow.
The modified gull−winged leads absorb thermal stress during
soldering eliminating the possibility of damage to the die.
Available in 8 mm embossed tape and reel. Use the Device Number
to order the 7 inch/3000 unit reel.
Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD
202 (Note 1)
310 (Note 2)
1.6 (Note 1)
2.5 (Note 2)
mW
mW/°C
Thermal Resistance −
Junction−to−Ambient
RqJA
618 (Note 1)
403 (Note 2)
°C/W
Thermal Resistance −
Junction−to−Lead
RqJL
280 (Note 1)
332 (Note 2)
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 inch Pad.
SC−70/SOT−323
CASE 419
STYLE 3
Preferred devices are recommended choices for future use
and best overall value.
NPN SILICON
BIAS RESISTOR
TRANSISTORS
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
MARKING DIAGRAM
8x
= Specific Device Code
x
= (See Marking Table)
M
= Date Code
8x M
DEVICE MARKING INFORMATION
See specific marking information in the device marking table
on page 2 of this data sheet.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MUN5235T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5235T1 ONSEMI-MUN5235T1 Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5235T1G ONSEMI-MUN5235T1G Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5235T1G ONSEMI-MUN5235T1G Datasheet
441Kb / 16P
   Bias Resistor Transistor
October, 2010 -- Rev. 9
MUN5235T1G ONSEMI-MUN5235T1G Datasheet
130Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
August, 2012 ??Rev. 0
MUN5235T1G ONSEMI-MUN5235T1G Datasheet
110Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
August, 2015 ??Rev. 3
More results

Similar Description - MUN5235T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5211T1 MOTOROLA-MUN5211T1 Datasheet
230Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
logo
ON Semiconductor
DTC114EET1 ONSEMI-DTC114EET1 Datasheet
187Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
May, 2000 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com