Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-100-7-KER Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DL-100-7-KER
Description  Position Sensing Photodiodes Special characteristics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DL-100-7-KER Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DL-100-7-KER Datasheet HTML 1Page - List of Unclassifed Manufacturers DL-100-7-KER Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Position Sensing
Photodiodes
Special characteristics:
dual-axis, duo-lateral PSD
active area 10 x 10 mm
high position resolution and
high linearity
Chip: DL-100-7
CATHODE 1
21.0 ± 0.2
ANODE 2
ANODE 1
CATHODE 2
Active area:
(10 x 10) mm
2
DL-100-7-KER pin
Parameters:
DL-100-7-KER pin
active area
10 x 10 mm
100 mm
2
Dark current
at 10 V
max. 300 nA
typ. 80 nA
Capacitance
at 10 V, 100 kHz
typ. 75 pF
Spectral responsivity
at 633 nm
at 850 nm
typ. 0,4 A/W
typ. 0,62 A/W
Interelectrode resistance
at E = 0 lx
typ. 12 k
Rise time
at 10 V, 50
Ω, 865 nm
typ. 4 µs
Noise limited resolution
at 632 nm, 0.5 µW
0.2 µm
Position Detection Error
1)
at 632 nm
+/- 1%
Breakdown voltage
typ. 30 V
Package
Ceramic with pins
Operating temperature
Storage temperature
-20 ... +70°C
-60 ... +100°C
1) measurement conditions:
Spot size: 0,5 mm,
Scan Interval: 1 mm
Wavelength: 633 nm
Package 21 (SMD with pins)
www.silicon-sensor.com
www.pacific-sensor.com
10.16
15.24
0.45
Version: 02-09-06


Similar Part No. - DL-100-7-KER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-100-7-KERSMD ETC1-DL-100-7-KERSMD Datasheet
212Kb / 2P
   Position Sensing Photodiodes Special characteristics
More results

Similar Description - DL-100-7-KER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-100-7-KERSMD ETC1-DL-100-7-KERSMD Datasheet
212Kb / 2P
   Position Sensing Photodiodes Special characteristics
logo
Omron Electronics LLC
EE-SY190 OMRON-EE-SY190 Datasheet
142Kb / 7P
   High-precision optical technology ensures excellent limited sensing range and sensing position characteristics
logo
Microsemi Corporation
MXP1020-PS MICROSEMI-MXP1020-PS Datasheet
39Kb / 1P
   Position Sensing Photo Detectors
logo
List of Unclassifed Man...
MLX90711 ETC-MLX90711 Datasheet
144Kb / 12P
   Position/movement Sensing Auto-Shutoff
S1-0009 ETC2-S1-0009 Datasheet
110Kb / 2P
   HIGH LINEARITY POSITION SENSING DETECTOR
1L20- ETC1-1L20- Datasheet
50Kb / 2P
   High Linearity Position Sensing Detector
1L20 ETC1-1L20 Datasheet
61Kb / 2P
   High Linearity Position Sensing Detector
logo
Infineon Technologies A...
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
logo
List of Unclassifed Man...
S2-0209 ETC1-S2-0209 Datasheet
465Kb / 2P
   High Linearity Position Sensing Detector with Signal Processing Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com