Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5231T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MUN5231T1G
Description  NPN SILICON BIAS RESISTOR TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5231T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MUN5231T1G Datasheet HTML 2Page - ON Semiconductor MUN5231T1G Datasheet HTML 3Page - ON Semiconductor MUN5231T1G Datasheet HTML 4Page - ON Semiconductor MUN5231T1G Datasheet HTML 5Page - ON Semiconductor MUN5231T1G Datasheet HTML 6Page - ON Semiconductor MUN5231T1G Datasheet HTML 7Page - ON Semiconductor MUN5231T1G Datasheet HTML 8Page - ON Semiconductor MUN5231T1G Datasheet HTML 9Page - ON Semiconductor MUN5231T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MUN5211T1 Series
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS − MUN5212T1
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75°C
25°C
−25°C
100
10
1
100
75°C
25°C
100
0
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
24
68
10
TA =−25°C
0
IC, COLLECTOR CURRENT (mA)
100
TA =−25°C
75°C
10
1
0.1
10
20
30
40
50
25°C
Figure 11. Input Voltage versus Output Current
0.001
TA =−25°C
75°C
25°C
0.01
0.1
1
40
IC, COLLECTOR CURRENT (mA)
0
20
50
50
0
10
203040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
IC/IB = 10
VCE = 10 V
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V


Similar Part No. - MUN5231T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5231T1G ONSEMI-MUN5231T1G Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5231T1G ONSEMI-MUN5231T1G Datasheet
127Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
August, 2012 ??Rev. 0
MUN5231T1G ONSEMI-MUN5231T1G Datasheet
103Kb / 11P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 2
MUN5231T1G ONSEMI-MUN5231T1G Datasheet
102Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results

Similar Description - MUN5231T1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5211T1 MOTOROLA-MUN5211T1 Datasheet
230Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
logo
ON Semiconductor
DTC114EET1 ONSEMI-DTC114EET1 Datasheet
187Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
May, 2000 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com