Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXSN62N60U1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSN62N60U1
Description  IGBT with Diode - Short Circuit SOA Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSN62N60U1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSN62N60U1 Datasheet HTML 1Page - IXYS Corporation IXSN62N60U1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
20
23
S
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
C
ies
4500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
400
pF
C
res
90
pF
Q
g
190
250
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
45
60
nC
Q
gc
88
120
nC
t
d(on)
70
ns
t
ri
220
ns
t
d(off)
300
650
ns
t
fi
400
700
ns
E
off
711
mJ
t
d(on)
70
ns
t
ri
220
ns
E
on
4mJ
t
d(off)
650
ns
t
fi
600
1000
ns
E
off
9mJ
R
thJC
0.50 K/W
R
thCK
0.05
K/W
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F = IC90, VGE = 0 V,
1.8
V
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
I
RM
I
F = IC90, VGE = 0 V, -diF/dt = 480 A/ms19
A
t
rr
V
R = 360 V
T
J = 125°C
175
ns
I
F = 1 A; -di/dt = 200 A/ms; VR = 30 V
T
J =25°C35
50
ns
R
thJC
0.80 K/W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 mH,
V
CE = 0.8 VCES, RG = 2.7 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = 2.7 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
IXSN62N60U1
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
38.00
38.23
1.496
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
miniBLOC, SOT-227 B
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXSN62N60U1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSN35N100U1 IXYS-IXSN35N100U1 Datasheet
80Kb / 6P
   IGBT with Diode - High Short Circuit SOA Capability
IXSN35N120AU1 IXYS-IXSN35N120AU1 Datasheet
99Kb / 4P
   High Voltage IGBT with Diode
IXSN50N60BD2 IXYS-IXSN50N60BD2 Datasheet
140Kb / 5P
   Short Circuit SOA Capability Buck & boost configurations
IXSN50N60BD3 IXYS-IXSN50N60BD3 Datasheet
140Kb / 5P
   Short Circuit SOA Capability Buck & boost configurations
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
More results

Similar Description - IXSN62N60U1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSN80N60BD1 IXYS-IXSN80N60BD1 Datasheet
594Kb / 6P
   IGBT with Diode Short Circuit SOA Capability
IXSN80N60AU1 IXYS-IXSN80N60AU1 Datasheet
96Kb / 4P
   IGBT with Diode - Short Circuit SOA Capability
IXSN35N100U1 IXYS-IXSN35N100U1 Datasheet
80Kb / 6P
   IGBT with Diode - High Short Circuit SOA Capability
IXSN55N120AU1 IXYS-IXSN55N120AU1 Datasheet
70Kb / 2P
   High Voltage IGBT with Diode - Short Circuit SOA Capability
IXDN50N120AU1 IXYS-IXDN50N120AU1 Datasheet
141Kb / 2P
   High Voltage IGBT with Diode(Short Circuit SOA Capability)
IXSX50N60AU1 IXYS-IXSX50N60AU1 Datasheet
138Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
IXSK40N60BD1 IXYS-IXSK40N60BD1 Datasheet
50Kb / 2P
   IGBT with Diode PLUS247TM package Short Circuit SOA Capability
IXSH10N60B2D1 IXYS-IXSH10N60B2D1 Datasheet
517Kb / 6P
   High Speed IGBT with Diode Short Circuit SOA Capability
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
logo
Powersem GmbH
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
   IGBT Module Short Circuit SOA Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com