Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT88E45BN Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # MT88E45BN
Description  4-Wire Calling Number Identification Circuit 2 (4-Wire CNIC2)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88E45BN Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button MT88E45BN Datasheet HTML 3Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 4Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 5Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 9Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 10Page - Zarlink Semiconductor Inc MT88E45BN Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MT88E45
Data Sheet
7
Zarlink Semiconductor Inc.
detecting CAS from Tip/Ring, in addition to detecting CAS from the hybrid/speech IC receive signal when it is off-
hook.
The MT88E45B offers an optimal solution which combines good speech immunity and MEI compatibility. Two input
op-amps allow the MT88E45B to be connected both to Tip/Ring and to the hybrid/speech IC receive pair. Both
connections can be differential or single ended. FSK demodulation is always on the Tip/Ring signal. CAS detection
can be from the Tip/Ring or hybrid/speech IC receive signal. Being able to detect CAS on Tip/Ring also makes the
MT88E45B suitable for BT on-hook CLIP applications.
For applications such as those in most European countries where Tip/Ring CAS detection is not needed, then the
Tip/Ring and Hybrid op-amp gains can be tailored independently to meet country specific FSK and CAS signal level
requirements respectively. Note that since the Hybrid op-amp is for CAS detection only, its gain can always be
tailored specifically for the CAS signal level.
The FSK demodulator is compatible with Bellcore, ETSI and BT standards. The demodulated FSK data is either
output directly (bit stream mode) or stored in a one byte buffer (buffer mode). In the buffer mode, the stop bit
immediately following a byte is also stored and can be shifted out after the data byte. This facility allows for framing
error checking required in Type 2 CPEs. In the bit stream mode, two timing signals are provided. One indicates the
bit sampling instants of the data byte, the other the end of byte. A carrier detector indicates presence of signal and
shuts off the data stream when there is no signal.
The entire chip can be put into a virtually zero current power down mode. The input op-amps, FSK demodulator,
CAS detector and the oscillator are all shut off. Furthermore, power management has been incorporated to
minimize operating current. When FSK is selected the CAS detector is powered down. When CAS is selected the
FSK demodulator is powered down.
Functional Description
3 to 5 V Operation
The MT88E45B’s FSK and CAS reject levels are proportional to Vdd. When operated at Vdd equal 3 V +/- 10%, to
keep the FSK and CAS reject levels as at 5 V (nominal) the Tip/Ring and Hybrid op-amp gains should be reduced
from those of 5 V. Gains for nominal Vdd (with a +/- 10% variation) other than 3 or 5 V can be chosen as
interpolation between the 3 and 5 V settings.
Input Configuration
The MT88E45B provides an input arrangement comprised of two op-amps and a bias source (VREF). VREF is a low
impedance voltage source which is used to bias the op-amp inputs at Vdd/2. The Tip/Ring op-amp (IN1+, IN1-, GS1
pins) is for connecting to Tip and Ring. The Hybrid op-amp (IN2+, IN2-, GS2 pins) is for connecting to the telephone
hybrid or speech IC receive pair.
Either FSK or CAS detection can be selected for the Tip/Ring connection, while the hybrid connection is for CAS
detection only. Phrased in another way, FSK demodulation is always on Tip/Ring, while CAS detection can be on
Tip/Ring or Hybrid Receive. Tip/Ring CAS detection is required for MEI and BT on-hook CLIP, while Hybrid CAS
detection is needed for optimal CAS speech immunity.
The feedback resistor connected between GS1 and IN1- can be used to adjust the Tip/Ring signal gain. The
feedback resistor connected between GS2 and IN2- can be used to adjust the hybrid receive signal gain. When the
Tip/Ring op-amp is selected, the GS2 signal is ignored. When the Hybrid op-amp is selected, the GS1 signal is
ignored.
Either or both op-amps can be configured in the single ended input configuration shown in Figure 33, or in the
differential input configuration shown in Figure 44.


Similar Part No. - MT88E45BN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT88E45BN ZARLINK-MT88E45BN Datasheet
488Kb / 28P
   4-Wire Calling Number Identification Circuit 2
More results

Similar Description - MT88E45BN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88E45 MITEL-MT88E45 Datasheet
114Kb / 27P
   4-Wire Calling Number Identification Circuit 2(4-Wire CNIC2)
logo
Zarlink Semiconductor I...
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
   4-Wire Calling Number Identification Circuit 2
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
logo
List of Unclassifed Man...
SC88E43 ETC-SC88E43 Datasheet
389Kb / 25P
   EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
logo
Zarlink Semiconductor I...
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
   Extended Voltage Calling Number Identification Circuit 2
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
[Old version datasheet]   Bellcore Compliant Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com