Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31025A-12TC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C31025A-12TC
Description  5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025A-12TC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C31025A-12TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025A-12TC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
AS7C1025A
AS7C31025A
2/6/01; V.0.9
Alliance Semiconductor
P. 3 of 8
Recommended operating conditions
VIL min. = –3.0V for pulse width less than tRC/2.
DC operating characteristics (over the operating range)1
Capacitance (f = 1 MHz, Ta = 25
oC, V
CC = NOMINAL)
2
Parameter
Device
Symbol
Min
Nominal
Max
Unit
Supply voltage
AS7C1025A
VCC
4.5
5.0
5.5
V
AS7C31025A
VCC
3.0
3.3
3.6
V
Input voltage
AS7C1025A
VIH
2.2
VCC + 0.5
V
AS7C31025A
VIH
2.0
VCC + 0.5
V
Both
VIL
–0.5
0.8
V
Ambient operating temperature
commercial
TA
0–
70
oC
industrial
TA
–40
85
oC
Parameter
Sym
Test conditions
Device
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Input
leakage
current
| I
LI |
VCC = Max, VIN = GND to VCC
Both
1
1
1
1
µA
Output
leakage
current
| I
LO |
VCC = Max, CE = VIH, Vout = GND
to VCC
Both
1
1
1
1
µA
Operating
power
supply
current
ICC
CE = VIL, f = fMax, IOUT = 0 mA
AS7C1025A
120
110
100
100
mA
AS7C31025A
90
80
80
80
Standby
power
supply
current
1
ISB
CE = VIH, f = fMax, fOUT = 0
AS7C1025A
30
25
20
20
mA
AS7C31025A
30
25
20
20
ISB1
CE
≥ V
CC–0.2V, VIN ≤ 0.2V or VIN
≥ V
CC –0.2V, f = 0, fOUT = 0
AS7C1025A
10
10
10
15
mA
AS7C31025A
10
10
10
15
Output
voltage
VOL
IOL = 8 mA, VCC = Min
AS7C1025A
.04
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VCC = Min
AS7C31025A
2.4
2.4
2.4
2.4
V
Data
retention
current
ICCDR
VCC = 2.0V
CE
≥ V
CC – 0.2V
VIN ≥ VCC – 0.2V or
VIN ≤ 0.2V
AS7C1025A
1
1
1
5
mA
AS7C31025A
1
1
1
5
mA
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF


Similar Part No. - AS7C31025A-12TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C31025A-HFC ETC2-AS7C31025A-HFC Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
AS7C31025A-HFC ATMEL-AS7C31025A-HFC Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - AS7C31025A-12TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com