Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZTA92T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PZTA92T1
Description  PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZTA92T1 Datasheet(HTML) 2 Page - ON Semiconductor

  PZTA92T1 Datasheet HTML 1Page - ON Semiconductor PZTA92T1 Datasheet HTML 2Page - ON Semiconductor PZTA92T1 Datasheet HTML 3Page - ON Semiconductor PZTA92T1 Datasheet HTML 4Page - ON Semiconductor PZTA92T1 Datasheet HTML 5Page - ON Semiconductor PZTA92T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZTA92T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
150
90
70
50
30
10
TJ = 25°C
VCE = 20 Vdc
F = 20 MHz
1
Figure 3. Current–Gain — Bandwidth
130
21
VR, REVERSE VOLTAGE (VOLTS)
0.1
100
0.1
10
1.0
10
1000
Cib @ 1MHz
100
1.0
Ccb @ 1MHz
IC, COLLECTOR CURRENT (mA)
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
110
35
7
9
19
17
15
13
11
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ –55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ –55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ –55°C, VCE = 10 V
Figure 4. ”ON” Voltages
IC, COLLECTOR CURRENT (mA)
300
0.1
1.0
10
250
200
150
0
TJ = +125°C
25
°C
–55
°C
VCE = 10 Vdc
100
50
100


Similar Part No. - PZTA92T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZTA92T1 MOTOROLA-PZTA92T1 Datasheet
60Kb / 4P
   PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZTA92T1G ONSEMI-PZTA92T1G Datasheet
88Kb / 4P
   High Voltage Transistor PNP Silicon
September, 2013 ??Rev. 9
PZTA92T1G ONSEMI-PZTA92T1G Datasheet
149Kb / 6P
   High Voltage Transistor
June, 2017 - Rev. 11
PZTA92T1G ONSEMI-PZTA92T1G_V01 Datasheet
149Kb / 6P
   High Voltage Transistor
June, 2017 - Rev. 11
More results

Similar Description - PZTA92T1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA94 CENTRAL-CMPTA94_10 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Motorola, Inc
PZTA92T1 MOTOROLA-PZTA92T1 Datasheet
60Kb / 4P
   PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CZTA94 CENTRAL-CZTA94_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CZTA94 CENTRAL-CZTA94_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA94 CENTRAL-CMPTA94 Datasheet
120Kb / 2P
   SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR
CZTA94 CENTRAL-CZTA94 Datasheet
74Kb / 2P
   SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR
CMPTA94 CENTRAL-CMPTA94_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA96 CENTRAL-CMPTA96 Datasheet
100Kb / 2P
   SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZTA96 CENTRAL-CZTA96 Datasheet
107Kb / 2P
   SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CMPTA96 CENTRAL-CMPTA96_15 Datasheet
328Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com