Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1GU04GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1GU04GM
Description  Low-power unbuffered inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1GU04GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1GU04GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 14Page - NXP Semiconductors 74AUP1GU04GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
9397 750 14689
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 10 August 2005
11 of 18
Philips Semiconductors
74AUP1GU04
Low-power unbuffered inverter
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times
and pulse width RL = 1 MΩ.
Test data is given in Table 12.
Definitions for test circuit:
RL = Load resistor
CL = Load capacitance including jig and probe capacitance
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator
Fig 7.
Load circuitry for switching times
Table 12:
Test data
Supply voltage
Load
VEXT
VCC
CL
RL [1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF,
15 pF and 30 pF
5 k
Ω or 1 MΩ open
GND
2
× VCC
001aac521
PULSE
GENERATOR
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL


Similar Part No. - 74AUP1GU04GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1GU04GM NXP-74AUP1GU04GM Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04GM NEXPERIA-74AUP1GU04GM Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
More results

Similar Description - 74AUP1GU04GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com